Electronic Components Datasheet Search
  English  ▼

X  

LT1990 Datasheet(PDF) 22 Page - Linear Technology

Part # LT1990
Description  High Voltage, High-Side Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1990 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1990 Datasheet HTML 14Page - Linear Technology LT1990 Datasheet HTML 15Page - Linear Technology LT1990 Datasheet HTML 16Page - Linear Technology LT1990 Datasheet HTML 17Page - Linear Technology LT1990 Datasheet HTML 18Page - Linear Technology LT1990 Datasheet HTML 19Page - Linear Technology LT1990 Datasheet HTML 20Page - Linear Technology LT1990 Datasheet HTML 21Page - Linear Technology LT1990 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LTC6101/LTC6101HV
22
6101fh
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2005
LT 0312 REV H • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1636
Rail-to-Rail Input/Output, Micropower Op Amp
VCM Extends 44V above VEE, 55μA Supply Current,
Shutdown Function
LT1637/LT1638/
LT1639
Single/Dual/Quad, Rail-to-Rail, Micropower Op Amp
VCM Extends 44V above VEE, 0.4V/μs Slew Rate, >1MHz
Bandwidth, <250μA Supply Current per Amplifier
LT1787/LT1787HV
Precision, Bidirectional, High Side Current Sense Amplifier
2.7V to 60V Operation, 75μV Offset, 60μA Current Draw
LTC1921
Dual –48V Supply and Fuse Monitor
±200V Transient Protection, Drives Three Optoisolators for Status
LT1990
High Voltage, Gain Selectable Difference Amplifier
±250V Common Mode, Micropower, Pin Selectable Gain = 1, 10
LT1991
Precision, Gain Selectable Difference Amplifier
2.7V to ±18V, Micropower, Pin Selectable Gain = –13 to 14
LTC2050/LTC2051/
LTC2052
Single/Dual/Quad Zero-Drift Op Amp
3μV Offset, 30nV/°C Drift, Input Extends Down to V–
LTC4150
Coulomb Counter/Battery Gas Gauge
Indicates Charge Quantity and Polarity
LT6100
Gain-Selectable High-Side Current Sense Amplifier
4.1V to 48V Operation, Pin-Selectable Gain: 10, 12.5, 20, 25, 40, 50V/V
TYPICAL APPLICATION
L
O
A
D
CHARGER
–
+
– +
+
–
VOUT = IDISCHARGE • RSENSE
(
) WHEN IDISCHARGE ≥ 0
DISCHARGING:
ROUT
RIN D
VOUT = ICHARGE • RSENSE
(
) WHEN ICHARGE ≥ 0
CHARGING:
ROUT
RIN C
6101 TA05
VBATT
RIN C
LTC6101
RIN D
RIN C
LTC6101
ROUT
VOUT
RIN D
IDISCHARGE
ICHARGE
RSENSE
V+
V–
OUT
OUT
–IN
+IN
V+
V–
–IN
+IN
Bidirectional Current Sense Circuit with Combined Charge/Discharge Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com