Electronic Components Datasheet Search
  English  ▼

X  

AD9258 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9258
Description  14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9258 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9258 Datasheet HTML 2Page - Analog Devices AD9258 Datasheet HTML 3Page - Analog Devices AD9258 Datasheet HTML 4Page - Analog Devices AD9258 Datasheet HTML 5Page - Analog Devices AD9258 Datasheet HTML 6Page - Analog Devices AD9258 Datasheet HTML 7Page - Analog Devices AD9258 Datasheet HTML 8Page - Analog Devices AD9258 Datasheet HTML 9Page - Analog Devices AD9258 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
AD9258
Rev. A | Page 6 of 44
ADC AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, DCS enabled, unless
otherwise noted.
Table 2.
AD9258BCPZ-80
AD9258BCPZ-105
AD9258BCPZ-125
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE-RATIO (SNR)
fIN = 2.4 MHz
25°C
79.0
78.4
77.7
dBFS
fIN = 70 MHz
25°C
77.7
78.3
77.3
78.2
76.8
77.6
dBFS
Full
77.4
76.9
76.0
dBFS
fIN = 140 MHz
25°C
77.0
76.6
76.6
dBFS
fIN = 200 MHz
25°C
75.3
74.9
75.1
dBFS
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 2.4 MHz
25°C
78.7
77.8
77.3
dBFS
fIN = 70 MHz
25°C
77.5
78.0
77.1
78.0
76.5
77.0
dBFS
Full
77.2
76.7
75.7
dBFS
fIN = 140 MHz
25°C
75.1
75.6
75.3
dBFS
fIN = 200 MHz
25°C
74.2
72.1
73.6
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 2.4 MHz
25°C
12.8
12.6
12.5
Bits
fIN = 70 MHz
25°C
12.7
12.6
12.5
Bits
fIN = 140 MHz
25°C
12.2
12.3
12.2
Bits
fIN = 200 MHz
25°C
12.0
11.7
11.9
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 2.4 MHz
25°C
−92
−87
−90
dBc
fIN = 70 MHz
25°C
−91
−87
−92
−87
−88
−83
dBc
Full
−87
−87
−83
dBc
fIN = 140 MHz
25°C
−80
−84
−83
dBc
fIN = 200 MHz
25°C
−82
−76
−79
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 2.4 MHz
25°C
92
87
90
dBc
fIN = 70 MHz
25°C
87
91
87
92
83
88
dBc
Full
87
87
83
dBc
fIN = 140 MHz
25°C
80
84
83
dBc
fIN = 200 MHz
25°C
82
76
79
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
Without Dither (AIN @ −23 dBFS)
fIN = 2.4 MHz
25°C
93
100
88
dBFS
fIN = 70 MHz
25°C
95
96
89
dBFS
fIN = 140 MHz
25°C
98
96
90
dBFS
fIN = 200 MHz
25°C
102
100
89
dBFS
With On-Chip Dither (AIN @ −23 dBFS)
fIN = 2.4 MHz
25°C
107
106
107
dBFS
fIN = 70 MHz
25°C
106
107
106
dBFS
fIN = 140 MHz
25°C
106
105
103
dBFS
fIN = 200 MHz
25°C
105
106
105
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com