Electronic Components Datasheet Search
  English  ▼

X  

AD9258 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9258
Description  14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9258 Datasheet(HTML) 1 Page - Analog Devices

  AD9258 Datasheet HTML 1Page - Analog Devices AD9258 Datasheet HTML 2Page - Analog Devices AD9258 Datasheet HTML 3Page - Analog Devices AD9258 Datasheet HTML 4Page - Analog Devices AD9258 Datasheet HTML 5Page - Analog Devices AD9258 Datasheet HTML 6Page - Analog Devices AD9258 Datasheet HTML 7Page - Analog Devices AD9258 Datasheet HTML 8Page - Analog Devices AD9258 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual
Analog-to-Digital Converter (ADC)
AD9258
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
SNR = 77.6 dBFS @ 70 MHz and 125 MSPS
SFDR = 88 dBc @ 70 MHz and 125 MSPS
Low power: 750 mW @ 125 MSPS
1.8 V analog supply operation
1.8 V CMOS or LVDS output supply
Integer 1-to-8 input clock divider
IF sampling frequencies to 300 MHz
−152.8 dBm/Hz small signal input noise with 200 Ω input
impedance @ 70 MHz and 125 MSPS
Optional on-chip dither
Programmable internal ADC voltage reference
Integrated ADC sample-and-hold inputs
Flexible analog input range: 1 V p-p to 2 V p-p
Differential analog inputs with 650 MHz bandwidth
ADC clock duty cycle stabilizer
95 dB channel isolation/crosstalk
Serial port control
User-configurable, built-in self-test (BIST) capability
Energy-saving power-down modes
APPLICATIONS
Communications
Diversity radio systems
Multimode digital receivers (3G)
GSM, EDGE, W-CDMA, LTE,
CDMA2000, WiMAX, TD-SCDMA
I/Q demodulation systems
Smart antenna systems
General-purpose software radios
Broadband data applications
Ultrasound equipment
FUNCTIONAL BLOCK DIAGRAM
CMOS/LVDS
OUTPUT BUFFER
CMOS/LVDS
OUTPUT BUFFER
ADC
DRVDD
CSB
AVDD
SPI
SDIO/
DCS
SCLK/
DFS
PROGRAMMING DATA
DUTY CYCLE
STABILIZER
DIVIDE 1
TO 8
DCO
GENERATION
REF
SELECT
MULTICHIP
SYNC
SYNC
AGND
NOTES
1. PIN NAMES ARE FOR THE CMOS PIN CONFIGURATION ONLY;
SEE FIGURE 7 FOR LVDS PIN NAMES.
PDWN
OEB
DCOB
DCOA
D13A (MSB)
TO
D0A (LSB)
D13B (MSB)
TO
D0B (LSB)
ORA
CLK–
CLK+
ORB
VIN+A
VCM
RBIAS
VIN–B
VIN+B
VIN–A
VREF
SENSE
AD9258
ADC
14
14
Figure 1.
PRODUCT HIGHLIGHTS
1.
On-chip dither option for improved SFDR performance
with low power analog input.
2.
Proprietary differential input that maintains excellent SNR
performance for input frequencies up to 300 MHz.
3.
Operation from a single 1.8 V supply and a separate digital
output driver supply accommodating 1.8 V CMOS or
LVDS outputs.
4.
Standard serial port interface (SPI) that supports various
product features and functions, such as data formatting
(offset binary, twos complement, or gray coding), enabling
the clock DCS, power-down, test modes, and voltage
reference mode.
5.
Pin compatibility with the AD9268, allowing a simple
migration from 14 bits to 16 bits. The AD9258 is also pin
compatible with the AD9251, AD9231, and AD9204 family
of products for lower sample rate, low power applications.


Similar Part No. - AD9258

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9258 AD-AD9258 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258 AD-AD9258 Datasheet
198Kb / 4P
High Performance, Dual Channel IF Sampling Receiver
REV. 0
AD9258 AD-AD9258 Datasheet
2Mb / 45P
Analog-to-Digital Converter (ADC)
Rev. A
AD9258-105EBZ AD-AD9258-105EBZ Datasheet
2Mb / 45P
Analog-to-Digital Converter (ADC)
Rev. A
AD9258-105EBZ1 AD-AD9258-105EBZ1 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
More results

Similar Description - AD9258

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9233 AD-AD9233 Datasheet
1Mb / 44P
12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
AD9265 AD-AD9265 Datasheet
2Mb / 44P
16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9268 AD-AD9268 Datasheet
2Mb / 44P
16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com