Electronic Components Datasheet Search
  English  ▼

X  

AD9258 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9258
Description  14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9258 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9258 Datasheet HTML 14Page - Analog Devices AD9258 Datasheet HTML 15Page - Analog Devices AD9258 Datasheet HTML 16Page - Analog Devices AD9258 Datasheet HTML 17Page - Analog Devices AD9258 Datasheet HTML 18Page - Analog Devices AD9258 Datasheet HTML 19Page - Analog Devices AD9258 Datasheet HTML 20Page - Analog Devices AD9258 Datasheet HTML 21Page - Analog Devices AD9258 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
AD9258
Rev. A | Page 18 of 44
120
110
100
90
80
70
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SNRFS (DITHER ON)
SNRFS (DITHER OFF)
SFDRFS (DITHER ON)
SFDRFS (DITHER OFF)
Figure 14. AD9258-80 Single-Tone SNR/SFDR vs. Input Amplitude (AIN)
with fIN = 30 MHz with and without Dither Enabled
100
95
90
85
80
75
70
65
0
50
100
150
200
250
300
INPUT FREQUENCY (MHz)
SNR @ –40°C
SFDR @ –40°C
SNR @ +25°C
SFDR @ +25°C
SNR @ +85°C
SFDR @ +85°C
Figure 15. AD9258-80 Single-Tone SNR/SFDR vs. Input Frequency (fIN)
with 2 V p-p Full Scale
105
100
95
90
85
80
75
25
30
35
40
45
50
55
60
65
70
75
80
SAMPLE RATE (MSPS)
SNR, CHANNEL B
SFDR, CHANNEL B
SNR, CHANNEL A
SFDR, CHANNEL A
Figure 16. AD9258-80 Single-Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 70.1 MHz
800,000
700,000
600,000
500,000
400,000
300,000
200,000
100,000
0
N – 3
N – 2
N – 1
N
N + 1
N + 2
N + 3
OUTPUT CODE
Figure 17. AD9258-80 Grounded Input Histogram
2
1
0
–2
–1
DITHER ENABLED
DITHER DISABLED
0
2000
4000
6000
8000
10,000 12,000 14,000 16,000
OUTPUT CODE
Figure 18. AD9258-80 INL with fIN = 9.7 MHz
0.50
0.25
0
–0.25
–0.50
OUTPUT CODE
0
2000
4000
6000
8000
10,000 12,000 14,000 16,000
Figure 19. AD9258-80 DNL with fIN = 9.7 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com