Electronic Components Datasheet Search
  English  ▼

X  

AD9283 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9283
Description  8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9283 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9283 Datasheet HTML 3Page - Analog Devices AD9283 Datasheet HTML 4Page - Analog Devices AD9283 Datasheet HTML 5Page - Analog Devices AD9283 Datasheet HTML 6Page - Analog Devices AD9283 Datasheet HTML 7Page - Analog Devices AD9283 Datasheet HTML 8Page - Analog Devices AD9283 Datasheet HTML 9Page - Analog Devices AD9283 Datasheet HTML 10Page - Analog Devices AD9283 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD9283
–7–
REV. C
ENCODE RATE
10
100
49
48
44
43
46
45
47
SINAD
AIN = 10.3MHz
SNR
20
30
40
50
60
70
80
90
TPC 7. SINAD/SNR vs. Encode Rate
ENCODE PULSEWIDTH HIGH – ns
6.5
6.0
4.5
4.0
60
50
10
0
30
20
40
ENCODE = 100MSPS
AIN = 10.3MHz
SNR
SINAD
7.0
5.5
5.0
3.5
3.0
TPC 8. SINAD/SNR vs. Encode Pulsewidth High
BANDWIDTH – MHz
0.5
–1.0
–5.5
0
600
100
200
300
400
500
0.0
–0.5
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
–4.5
–5.0
TPC 9. ADC Frequency Response: fS = 100 MSPS
ENCODE RATE
10
20
30
40
50
60
70
80
120
40
20
0
80
60
100
90
100
AIN = 10.3MHz
TPC 10. Analog Power Dissipation vs. Encode Rate
TEMPERATURE – C
–40
–20
0
20406080
49
48
44
46
45
47
–60
100
SINAD
SNR
TPC 11. SINAD/SNR vs. Temperature
CODE
1.00
0.75
–0.25
–0.50
–0.75
–1.00
0.25
0.00
0.50
TPC 12. Differential Nonlinearity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com