Electronic Components Datasheet Search
  English  ▼

X  

AD9283 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9283
Description  8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9283 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9283 Datasheet HTML 4Page - Analog Devices AD9283 Datasheet HTML 5Page - Analog Devices AD9283 Datasheet HTML 6Page - Analog Devices AD9283 Datasheet HTML 7Page - Analog Devices AD9283 Datasheet HTML 8Page - Analog Devices AD9283 Datasheet HTML 9Page - Analog Devices AD9283 Datasheet HTML 10Page - Analog Devices AD9283 Datasheet HTML 11Page - Analog Devices AD9283 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD9283
–10–
REV. C
Figure 11. Printed Circuit Board Ground Layer
EVALUATION BOARD BILL OF MATERIALS — GS01717
#
Qty
REFDES
Device
Package
Value
1
15
C1, C4–C17
Ceramic Cap
0603
0.1
µF
2
4
C18–C21
Tantalum Cap
BCAPTAJD
10
µF
3
24
E1–E6, E8–E10, E12–E19,
E21, E34–E39
W-HOLE
4
4
J1, J2, J3, J5
Connector
SMB
5
1
P1
5-Pin Connector
Wieland Connector
(P/N #25.602.2553.0 Top
P/N #Z5.530.0525.0 Bottom)
6
1
P2
37-Pin Connector
AMP-747462-2
7
5
R4, R9, R10, R21, R22
Resistor
1206
50
Ω
8
1
R7
Resistor
1206
25
Ω
9
1
R23
Resistor
1206
2 k
Ω
10
1
T1
Transformer
Mini-Circuits T1-1T-KK81
11
1
U1
AD9283
SSOP-20
12
1
U3
AD9760
SOIC-28
13
1
U4
74ACQ574
SOIC-20
14
1
U5
SN74LVC86
SO14
Figure 12. Printed Circuit Board Bottom Side Copper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com