Electronic Components Datasheet Search
  English  ▼

X  

AD9283 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9283
Description  8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9283 Datasheet(HTML) 3 Page - Analog Devices

  AD9283 Datasheet HTML 1Page - Analog Devices AD9283 Datasheet HTML 2Page - Analog Devices AD9283 Datasheet HTML 3Page - Analog Devices AD9283 Datasheet HTML 4Page - Analog Devices AD9283 Datasheet HTML 5Page - Analog Devices AD9283 Datasheet HTML 6Page - Analog Devices AD9283 Datasheet HTML 7Page - Analog Devices AD9283 Datasheet HTML 8Page - Analog Devices AD9283 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
–3–
REV. C
AD9283
Test
AD9283BRS-100
AD9283BRS-80
AD9283BRS-50
Parameter
Temp
Level
Min Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
5
Transient Response
25
°CV
2
2
2
ns
Overvoltage Recovery Time
25
°CV
2
2
2
ns
Signal-to-Noise Ratio (SNR)
(Without Harmonics)
fIN = 10.3 MHz
25
°C
I
46.5
47
44
47
dB
fIN = 27 MHz
25
°C
I
46.5
44
47
47
dB
fIN = 41 MHz
25
°C
I
43.5 46.5
47
dB
fIN = 76 MHz
25
°C
V
46.0
dB
Signal-to-Noise Ratio (SINAD)
(With Harmonics)
fIN = 10.3 MHz
25
°C
I
45
47
43.5
46.5
dB
fIN = 27 MHz
25
°C
I
45.5
43.5
46.5
46
dB
fIN = 41 MHz
25
°C
I
42.5 45
42
dB
fIN = 76 MHz
25
°C
V
42.5
dB
Effective Number of Bits
fIN = 10.3 MHz
25
°C
I
7.3
7.5
7.6
Bits
fIN = 27 MHz
25
°C
I
7.4
7.5
7.5
Bits
fIN = 41 MHz
25
°C
I
7.3
7.5
Bits
fIN = 76 MHz
25
°C
V
6.9
Bits
2nd Harmonic Distortion
fIN = 10.3 MHz
25
°C
I
57
60
55
60
dBc
fIN = 27 MHz
25
°C
I
60
55
60
56
dBc
fIN = 41 MHz
25
°C
I
50
58
55
dBc
fIN = 76 MHz
25
°CV
46
dBc
3rd Harmonic Distortion
fIN = 10.3 MHz
25
°C
I
54.5
70
55
70
dBc
fIN = 27 MHz
25
°C
I
55
55
62.5
60
dBc
fIN = 41 MHz
25
°C
I
47
52.5
60
dBc
fIN = 76 MHz
25
°CV
53
dBc
Two-Tone Intermod Distortion
(IMD)
fIN = 10.3 MHz
25
°C
V
52
52
52
dBc
NOTES
1Gain error and gain temperature coefficient are based on the ADC only (with a fixed 1.25 V external reference).
2t
V and tPD are measured from the 1.5 V level of the ENCODE input to the 50%/50% levels of the digital outputs swing. The digital output load during test is not to
exceed an ac load of 10 pF or a dc current of
±40 µA.
3Power dissipation measured with encode at rated speed and a dc analog input.
4Typical thermal impedance for the RS style (SSOP) 20-lead package:
θ
JC = 46
°C/W, θ
CA = 80
°C/W, θ
JA = 126
°C/W.
5SNR/harmonics based on an analog input voltage of –0.7 dBFS referenced to a 1.024 V full-scale input range.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
*
VD, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 V
Analog Inputs . . . . . . . . . . . . . . . . . . . . –0.5 V to VD + 0.5 V
Digital Inputs . . . . . . . . . . . . . . . . . . . –0.5 V to VDD + 0.5 V
VREF IN . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to VD + 0.5 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . 150
°C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . 150
°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9283 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Temperature
Package
Package
Model
Ranges
Descriptions
Options
AD9283BRS
-50, -80, -100 –40
°C to +85°C 20-Lead SSOP
RS-20
AD9283/PCB
25
°C
Evaluation Board
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions outside of those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com