Electronic Components Datasheet Search
  English  ▼

X  

DS2118MB Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS2118MB
Description  Ultra3 LVD/SE SCSI Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2118MB Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS2118MB Datasheet HTML 2Page - Maxim Integrated Products DS2118MB Datasheet HTML 3Page - Maxim Integrated Products DS2118MB Datasheet HTML 4Page - Maxim Integrated Products DS2118MB Datasheet HTML 5Page - Maxim Integrated Products DS2118MB Datasheet HTML 6Page - Maxim Integrated Products DS2118MB Datasheet HTML 7Page - Maxim Integrated Products DS2118MB Datasheet HTML 8Page - Maxim Integrated Products DS2118MB Datasheet HTML 9Page - Maxim Integrated Products DS2118MB Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DS2118M
7 of 10
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
VREF
Reference Voltage. 2.85V reference in SE mode and 1.25V reference in
LVD mode; must be decoupled with a 4.7µF cap.
2, 3
NC
No Connection. Do not connect these pins.
4–7, 11–16,
22–25, 29–32
RxP,
RxN
Signal Termination. Connect to SCSI bus signal lines.
8, 10, 26, 9,
28, 27
HS GND
Heat Sink Ground. Internally connected to the mounting pad. Should
be grounded.
17
ISO
Isolation. When pulled high, the DS2118M isolates its bus pins (RxP,
FxP) from the SCSI bus.
18
GND
Ground. Signal ground; 0V.
19
MSTR/SLV
Master/Slave. Mode-select for the noncontrolling terminator. When
pulled high (MSTR), the DIFFSENSE driver is enabled.
20
DIFFSENSE DIFFSENSE. Output to drive the SCSI bus DIFFSENS line.
21
DIFF_CAP
DIFFSENSE Capacitor. Connect 0.1µF capacitor for DIFFSENSE
filter. Input to detect the type of device (differential or single-ended) on
the SCSI bus.
33
SE
Single-Ended. SE output of DIFFSENSE receiver; indicates SE bus
operation.
34
LVD
Low-Voltage Differential. LVD output of DIFFSENSE receiver;
indicates LVD bus operation.
35
HVD
High-Voltage Differential. HVD output of DIFFSENSE receiver;
indicates HVD bus operation or thermal shutdown.
36
TPWR
Termination Power. Connect to the SCSI TERMPWR line and
decouple with 2.2µF capacitor.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
SE Mode
VTPWR(SE)
4.0
5.5
V
Termpower
Voltage
LVD Mode
VTPWR(LVD)
2.7
5.5
V
Logic 0
VIL
-0.3
+0.8
V
Logic 1
VIH
2.0
VTPWR +
0.3
V
Operating Temperature
VAMB
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com