Electronic Components Datasheet Search
  English  ▼

X  

DS2118MB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS2118MB
Description  Ultra3 LVD/SE SCSI Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2118MB Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS2118MB Datasheet HTML 1Page - Maxim Integrated Products DS2118MB Datasheet HTML 2Page - Maxim Integrated Products DS2118MB Datasheet HTML 3Page - Maxim Integrated Products DS2118MB Datasheet HTML 4Page - Maxim Integrated Products DS2118MB Datasheet HTML 5Page - Maxim Integrated Products DS2118MB Datasheet HTML 6Page - Maxim Integrated Products DS2118MB Datasheet HTML 7Page - Maxim Integrated Products DS2118MB Datasheet HTML 8Page - Maxim Integrated Products DS2118MB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
REV: 010406
FEATURES
Fully Compliant with SCSI SPI-2, SPI-3,
SPI-4, Ultra160, and Ultra320
Provides Multimode Low-Voltage
Differential/Single-Ended (LVD/SE)
Termination for Nine Signal Line Pairs
Autoselection of LVD or SE Termination
5% Tolerance on SE and LVD Termination
Resistance
Low Power-Down Capacitance of 3pF
On-Board Thermal Shutdown Circuitry
SCSI Bus Hot-Plug Compatible
Fully Supports Actively Negated SE SCSI
Signals
PIN CONFIGURATION
ORDERING INFORMATION
PART
VOLTAGE
(V)
TEMP RANGE PIN-PACKAGE
TOP MARK*
DS2118MB
5
0
°C to +70°C
36 SSOP (0.300")
DS2118MB
DS2118MB+
5
0
°C to +70°C
36 SSOP (0.300")
DS2118MB
DS2118MB/T&R
5
0
°C to +70°C
36 SSOP (0.300")/Tape and
Reel
DS2118MB
DS2118MB+T&R
5
0
°C to +70°C
36 SSOP (0.300")/Tape
and Reel
DS2118MB
+ Denotes a lead-free/RoHS-compliant package.
* The top mark includes a "+" on lead-free packages.
DS2118M
Ultra3 LVD/SE SCSI Terminator
www.maxim-ic.com
32
35
34
33
31
30
29
28
27
26
25
24
LVD
SE
R9N
R8N
R8P
HS GND
HS GND
HS GND
R7N
R7P
R6N
R9P
NC
R1P
R1N
R2N
HS GND
HS GND
R3P
R3N
R4P
R4N
R2P
SSOP
36
23
VREF
NC
TPWR
HVD
HS GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
22
21
20
19
R5P
R5N
ISO
GND
DIFF_CAP
DIFFSENSE
MSTR/SLV
R6P
DS2118M


Similar Part No. - DS2118MB

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2118M DALLAS-DS2118M Datasheet
141Kb / 8P
Ultra2 LVD/SE SCSI Terminator
More results

Similar Description - DS2118MB

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
Ultra3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2125 MAXIM-DS2125 Datasheet
232Kb / 7P
Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 052604
logo
Dallas Semiconductor
DS2117M DALLAS-DS2117M Datasheet
129Kb / 9P
Ultra3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2127 MAXIM-DS2127 Datasheet
114Kb / 6P
Ultra3 LVD/SE SCSI 14-Line Terminator
Rev 1; 3/04
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
9-Line ULTRA3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2127 MAXIM-DS2127_V01 Datasheet
161Kb / 6P
Ultra3 LVD/SE SCSI 14-Line Terminator
Rev 2; 1/06
DS2125 MAXIM-DS2125_V01 Datasheet
187Kb / 7P
Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 012306
DS2120 MAXIM-DS2120 Datasheet
490Kb / 10P
Ultra3 LVD SCSI Terminator
REV: 010506
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2117M MAXIM-DS2117M Datasheet
416Kb / 9P
Ultra3 LVD/SE SCSI Terminator
REV: 112905
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com