Electronic Components Datasheet Search
  English  ▼

X  

DS2118MB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS2118MB
Description  Ultra3 LVD/SE SCSI Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2118MB Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS2118MB Datasheet HTML 1Page - Maxim Integrated Products DS2118MB Datasheet HTML 2Page - Maxim Integrated Products DS2118MB Datasheet HTML 3Page - Maxim Integrated Products DS2118MB Datasheet HTML 4Page - Maxim Integrated Products DS2118MB Datasheet HTML 5Page - Maxim Integrated Products DS2118MB Datasheet HTML 6Page - Maxim Integrated Products DS2118MB Datasheet HTML 7Page - Maxim Integrated Products DS2118MB Datasheet HTML 8Page - Maxim Integrated Products DS2118MB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DS2118M
3 of 10
FUNCTIONAL DESCRIPTION
The DS2118 combines LVD and SE termination with DIFFSENSE sourcing and detection.
A bandgap reference is fed into two amplifiers, which creates a 1.25V reference voltage and a 2.85V
reference voltage. The control logic determines which of these references will be applied to the
termination resistors. If the SCSI bus is in LVD mode, then the 1.25V reference will be used. If the SCSI
bus is in SE mode, then the 2.85V reference will be used. That same control logic will switch in/out
parallel resistors to change the total termination resistance accordingly. Finally, in SE mode the Rp pins
will be switched to ground.
The DIFFSENSE circuitry decodes trinary logic. There will be one of three voltages on the SCSI control
line called DIFFSENS. Two comparators and a NAND gate determine if the voltage is below 0.6V, above
2.15V, or in between. That indicates the mode of the bus to be HVD, SE, or LVD, respectively.
The DS2118M’s DIFF_CAP pin monitors the DIFFSENS line to determine the proper operating mode of
the device; this mode is indicated by the SE/LVD/HVD outputs. The DIFFSENSE pin can also drive the
SCSI DIFFSENS line (when MSTR/SLV = 1) to determine the SCSI bus operating mode. The DS2118M
switches to the termination mode that is appropriate for the bus based on the value of the DIFFSENS
voltage. These modes are:
LVD Mode: LVD termination is provided by a precision laser-trimmed resistor string with two
amplifiers. This configuration yields a 105Ω differential and 150
Ω common-mode impedance. A
fail-safe bias of 112mV is maintained when no drivers are connected to the SCSI bus.
SE Mode: When the external driver for a given signal line turns off, the active terminator will
pull that signal line to 2.85V (quiescent state). When used with an active negation driver, the
power amp can sink 22mA per line while keeping the voltage reference in regulation. The
terminating resistors maintain their 110
Ω value.
HVD Isolation Mode: The DS2118M identifies that there is an HVD (high-voltage differential)
device on the SCSI bus and isolates the termination pins from the bus.
When ISO is pulled high, the termination pins are isolated from the SCSI bus, VREF remains active, and
the bus mode indicators (SE/LVD/HVD) remain active. During thermal shutdown, the termination pins
are isolated from the SCSI bus, VREF becomes high impedance, and the bus mode indicators
(SE/LVD/HVD) remain active. The DIFFSENSE driver is shut down during either of these two events.
An internal pulldown resistor assures that the DS2118M will be terminating the bus if the ISO pin is left
floating.
To ensure proper operation, the TPWR pin should be connected to the SCSI bus TERMPWR line. As
with all analog circuitry, the TERMPWR and VDD lines should be bypassed locally. A 2.2µF capacitor
and a 0.01
µF high-frequency capacitor is recommended between TPWR and ground and placed as close
as possible to the DS2118M. The DS2118M should be placed as close as possible to the SCSI connector
to minimize signal and power-trace length, thereby resulting in less input capacitance and reflections,
which can degrade the bus signals.
To maintain the specified regulation, a 4.7
µF capacitor is required between the VREF pin (VREF) and
ground of each DS2118M. A high frequency cap (0.1
µF ceramic recommended) can also be placed on the



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com