Electronic Components Datasheet Search
  English  ▼

X  

AD9863-50EBZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9863-50EBZ
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863-50EBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9863-50EBZ Datasheet HTML 28Page - Analog Devices AD9863-50EBZ Datasheet HTML 29Page - Analog Devices AD9863-50EBZ Datasheet HTML 30Page - Analog Devices AD9863-50EBZ Datasheet HTML 31Page - Analog Devices AD9863-50EBZ Datasheet HTML 32Page - Analog Devices AD9863-50EBZ Datasheet HTML 33Page - Analog Devices AD9863-50EBZ Datasheet HTML 34Page - Analog Devices AD9863-50EBZ Datasheet HTML 35Page - Analog Devices AD9863-50EBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
AD9863
Rev. A| Page 32 of 40
Register Bit
Description
Bit 4: TxPGA Fast Update (Mode)
The TxPGA fast bit controls the update speed of the TxPGA. When fast update mode is enabled, the
TxPGA provides fast gain settling within a few clock cycles, which may introduce spurious signals at
the output of the Tx path. The default setting for this bit is low, and the TxPGA gives a smooth
transition between gain settings. Fast mode is enabled when this bit is set high.
Register 0x13: I/O Configuration
Bit 7: Tx Twos Complement
The default data format for Tx data is straight binary. Set this bit high when providing twos
complement Tx data.
Bit 6: Rx Twos Complement
The default data format for Rx data is straight binary. Set this bit high when providing twos
complement Rx data.
Bit 5: Tx Inverse Sample
By default, the transmit data is sampled on the rising edge of the CLKOUT. Setting this bit high
changes this, and the transmit data are sampled on the falling edge.
Bit 1, Bit 0: Interpolation Control
These register bits control the interpolation rate of the transmit path. The default settings are both
bits low, indicating that both interpolation filters are bypassed. The MSB and LSB are Address Bit 1
and Address Bit 0, respectively. Setting binary 01 provides an interpolation rate of 2×; binary 10
provides an interpolation rate of 4×.
Register 0x14: I/O Configuration
Bit 5: Dig Loop On
When enabled, this bit enables a digital loop-back mode. The digital loop-back mode provides a
means of testing digital interfaces and functionality at the system level. In digital loop-back mode,
the full-duplex interface must be enabled. (Refer to the Flexible I/O Interface Options section.) The
device accepts data from the digital input bus according to the FD mode timing, and the data is
processed by using the Tx digital path (including any enabled interpolation filter). The processed
data is then output from the Rx path bus.
Bit 4: SPIFD/HD
Control bit to configure full-duplex (high) or half-duplex (low) interface mode. This register, in
combination with the SpiB12/24 register, configures the interface mode of FD, HD12, or HD24. The
register setting is ignored for clone mode operation. By default, this register is set high, and the
device is in FD mode.
Bit 3: SpiTx/Rx
Control bit for transmit or receive mode for the half-duplex clock modes. High represents Tx and
low represents Rx.
Bit 2: SpiB12/24
Control bit for 12-bit or 24-bit modes. High represents 12-bit mode and low represents 24-bit mode.
Bit 1: SPI IO Control
Use in conjunction with SpiTx/Rx [Register14, Bit 3] to override external Tx/Rx pin operation.
Bit 0: SpiClone
Set high when in clone mode (see Flexible I/O Interface Options section for definition of clone
mode). Clk_mode should also be set to Binary 111, such as [Register 01[7:5] = 111.
Register 0x15: Clock
Bit 7: PLL_Bypass
Setting this bit high bypasses the PLL. When bypassed, the PLL remains active.
Bit 5: ADC Clock Div
By default the ADCs are driven directly from CLKIN1 in normal timing operation or from the PLL
output clock in the alternative timing operation. This bit is used to divide the source of the ADC
clock prior to the ADCs. The default setting is low and performs no division. Setting this bit high
divides the clock by 2.
Bit 4: Alt Timing Mode
Table 5 describes two timing modes: the normal timing operation mode and the alternative timing
operation mode. The default configuration is normal timing mode, and the CLKIN1 drives the Rx
path. In alternative timing mode, the PLL output is used to drive the Rx path. The alternative
operation mode is configured by setting this bit high.
Bit 3: PLL Div5
The output of the PLL can be divided by 5 by setting this bit high. By default, the PLL directly drives
the Tx digital path with no division of its output.
Bit 2 to Bit 0: PLL Multiplier
These bits control the PLL multiplication factor. A default setting is Binary 000, which configures the
PLL to 1× multiplication factor. This register, in combination with the PLL Div5 register, sets the PLL
output frequency. The programmable multiplication factors are
000
1×
001
2×
010
4×
011
8×
100
16×
101 to 111
not used
Register 0x16: Clock
Bit 5: PLL to IFACE2
Setting this bit high switches the IFACE2 output signal to the PLL output clock. It is valid only if
Register 0x01, Bit 2 is enabled or if full-duplex mode is configured.
Bit 2: PLL Slow
Changes the PLL loop bandwidth; changes profile of the phase noise generated from the PLL clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com