Electronic Components Datasheet Search
  English  ▼

X  

AD9863-50EBZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9863-50EBZ
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863-50EBZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9863-50EBZ Datasheet HTML 29Page - Analog Devices AD9863-50EBZ Datasheet HTML 30Page - Analog Devices AD9863-50EBZ Datasheet HTML 31Page - Analog Devices AD9863-50EBZ Datasheet HTML 32Page - Analog Devices AD9863-50EBZ Datasheet HTML 33Page - Analog Devices AD9863-50EBZ Datasheet HTML 34Page - Analog Devices AD9863-50EBZ Datasheet HTML 35Page - Analog Devices AD9863-50EBZ Datasheet HTML 36Page - Analog Devices AD9863-50EBZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
AD9863
Rev. A | Page 33 of 40
PROGRAMMABLE REGISTERS
The AD9863 contains internal registers that are used to configure
the device. A serial port interface provides read/write access to
the internal registers. Single-byte or dual-byte transfers are
supported, as well as MSB first or LSB first transfer formats. The
AD9863’s serial interface port can be configured as a single pin
I/O (SDIO) or as two unidirectional pins for in/out (SDIO/SDO).
The serial port is a flexible, serial communications port, allowing
easy interface to many industry-standard microcontrollers and
microprocessors.
General Operation of the Serial Interface
By default, the serial port accepts data in MSB first mode and
uses four pins: SEN, SCLK, SDIO, and SDO, by default. SEN is a
serial clock enable pin; SCLK is the serial clock pin; SDIO is a
bidirectional data line; and SDO is a serial output pin.
SEN is an active low control gating read and write cycles. When
SEN is high, SDO and SDIO go into a high impedance state.
SCLK is used to synchronize SPI reads and writes at a
maximum bit rate of 30 MHz. Input data is registered on the
rising edge, and output data transitions are registered on the
falling edge. During write operations, the registers are updated
after the 16th rising clock edge (and 24th rising clock edge for
the dual-byte case). Incomplete write operations are ignored.
SDIO is an input data only pin by default. Optionally, a 3-pin
interface may be configured using the SDIO for both input and
output operations and three-stating the SDO pin. Refer to the
SDIO BiDir bit in Register 0x00 shown in Table 17.
SDO is a serial output data pin used for readback operations in
4-wire mode and is three-stated when SDIO is configured for
bidirectional operation.
There are two phases to a communication cycle with the AD9863.
Phase 1 is the instruction cycle, which is the writing of an
instruction byte into the AD9863, coincident with the first eight
SCLK rising edges. The instruction byte provides the AD9863
serial port controller with information regarding the data
transfer cycle, which is Phase 2 of the communication cycle.
The Phase 1 instruction byte defines whether the upcoming
data transfer is read or write, the number of bytes in the data
transfer (one or two), and the starting register address for the
first byte of the data transfer.
The first eight SCLK rising edges of each communication cycle
are used to write the instruction byte into the AD9863. The
remaining SCLK edges are for Phase 2 of the communication
cycle. Phase 2 is the actual data transfer between the AD9863
and the system controller. Phase 2 of the communication cycle
is a transfer of one or two data bytes as determined by the
instruction byte. Normally, using one communication cycle in a
multibyte transfer is the preferred method; however, single byte
communication cycles are useful to reduce CPU overhead when
register access requires only one byte. An example of this is to
write the AD9863 power-down bits.
All data input to the AD9863 is registered on the rising edge of
SCLK. All data is driven out of the AD9863 on the falling edge
of SCLK.
Instruction Byte
The instruction byte contains the information shown in
Table 18, and the bits are described in detail after the table.
Table 18. Instruction Byte
MSB
D6
D5
D4
D3
D2
D1
LSB
R/W
2/1
Byte
A5
A4
A3
A2
A1
A0
R/W—Bit 7 of the instruction byte determines whether a read
or write data transfer will occur after the instruction byte write.
Logic high indicates a read operation. Logic low indicates a
write operation.
2/1 Byte
—Bit 6 of the instruction byte determines the number
of bytes to be transferred during the data transfer cycle of the
communication cycle. Logic high indicates a 2-byte transfer.
Logic low indicates a 1-byte transfer.
A5, A4, A3, A2, A1, A0
—Bit 5 to Bit 0 of the instruction byte
determine which register is accessed during the data transfer
portion of the communication cycle. For 2-byte transfers, this
address is the starting byte address. The second byte address is
automatically decremented when the interface is configured for
MSB-first transfers. For LSB-first transfers, the address of the
second byte is automatically incremented.
Table 19. Serial Port Interface Timing
Maximum SCLK Frequency (fSCLK)
40 MHz
Minimum SCLK High Pulse Width (tPWH)
12.5 ns
Minimum SCLK Low Pulse Width (tPWL)
12.5 ns
Maximum Clock Rise/Fall Time
1 ms
Data to SCLK timing (tDS)
12.5 ns
Data Hold Time (tDH)
0 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com