Electronic Components Datasheet Search
  English  ▼

X  

MAX213C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX213C/D
Description  5V, RS-232 Transceivers with 0.1muF External Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX213C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX213C/D Datasheet HTML 4Page - Maxim Integrated Products MAX213C/D Datasheet HTML 5Page - Maxim Integrated Products MAX213C/D Datasheet HTML 6Page - Maxim Integrated Products MAX213C/D Datasheet HTML 7Page - Maxim Integrated Products MAX213C/D Datasheet HTML 8Page - Maxim Integrated Products MAX213C/D Datasheet HTML 9Page - Maxim Integrated Products MAX213C/D Datasheet HTML 10Page - Maxim Integrated Products MAX213C/D Datasheet HTML 11Page - Maxim Integrated Products MAX213C/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
+5V, RS-232 Transceivers
with 0.1µF External Capacitors
Applications Information
Capacitor Selection
The type of capacitor used is not critical for proper
operation. Ceramic capacitors are suggested. To ensure
proper RS-232 signal levels over temperature when
using 0.1FF capacitors, make sure the capacitance
value does not degrade excessively as the temperature
varies. If in doubt, use capacitors with a larger nominal
value. Also observe the capacitors’ ESR value over tem-
perature, since it influences the amount of ripple on V+
and V-. To reduce the output impedance at V+ and V-,
use larger capacitors (up to 10FF). If polarized capaci-
tors are used, obey the polarities shown in Figure 1 and
the pin configurations.
Driving Multiple Receivers
Each transmitter is designed to drive a single receiver.
Transmitters can be paralleled to drive multiple receivers.
Driver Outputs When Exiting Shutdown
Figure 5 shows two driver outputs exiting shutdown. As
they become active, the two driver outputs go to oppo-
site RS-232 levels (one driver input is high, the other
is low). Each driver is loaded with 3kI in parallel with
2500pF. The driver outputs display no ringing or undesir-
able transients as they come out of shutdown.
Power-Supply Decoupling
In applications that are sensitive to power-supply noise,
decouple VCC to ground with a capacitor of the same
value as the charge-pump capacitors.
V+ and V- as Power Supplies
A small amount of power can be drawn from V+ and V-,
although this reduces noise margins.
Power Supplies for MAX201/MAX209
If at power-up the V+ supply rises after the VCC supply,
place a diode (e.g., 1N914) in series with the V+ supply.
Table 3. DB9 Cable Connections Commonly Used for EIA/TIA-232E and V.24
Asynchronous Interfaces
Table 2. Summary of EIA/TIA-232E, V.28 Specifications
PARAMETER
CONDITION
EIA/TIA-232E, V.28 SPECIFICATION
Driver Output Voltage: 0 Level
3kI to 7kI load
+5.0V to +15V
Driver Output Voltage: 1 Level
3kI to 7kI load
-5.0V to -15V
Output Level, Maximum
No load
Q
25V
Data Rate
3kI P RL P 7kI, CL P 2500pF
Up to 20kbps
Receiver Input Voltage: 0 Level
—
+3.0V to +15V
Receiver Input Voltage: 1 Level
—
-3.0V to -15V
Input Level, Maximum
—
Q
25V
Instantaneous Slew Rate, Maximum
3kI P RL P 7kI, CL P 2500pF
30V/Fs
Driver Output Short-Circuit Current, Maximum
—
100mA
Transition Rate on Driver Output
V.28
1ms or 3% of the period
EIA/TIA-232E
4% of the period
Driver Output Resistance
-2V < VOUT < +2V
300I
PIN
NAME
CONNECTION
1
Received Line Signal Detector, sometimes called Carrier Detect (DCD)
Handshake from DCE
2
Receive Data (RD)
Data from DCE
3
Transmit Data (TD)
Data from DTE
4
Data Terminal Ready
Handshake from DTE
5
Signal Ground
Reference point for signals
6
Data Set Ready (DSR)
Handshake from DCE
7
Request to Send (RTS)
Handshake from DTE
8
Clear to Send (CTS)
Handshake from DCE
9
Ring Indicator
Handshake from DCE
MAX200–MAX209/MAX211/MAX213
8
Maxim Integrated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com