Electronic Components Datasheet Search
  English  ▼

X  

MAX213C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX213C/D
Description  5V, RS-232 Transceivers with 0.1muF External Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX213C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX213C/D Datasheet HTML 1Page - Maxim Integrated Products MAX213C/D Datasheet HTML 2Page - Maxim Integrated Products MAX213C/D Datasheet HTML 3Page - Maxim Integrated Products MAX213C/D Datasheet HTML 4Page - Maxim Integrated Products MAX213C/D Datasheet HTML 5Page - Maxim Integrated Products MAX213C/D Datasheet HTML 6Page - Maxim Integrated Products MAX213C/D Datasheet HTML 7Page - Maxim Integrated Products MAX213C/D Datasheet HTML 8Page - Maxim Integrated Products MAX213C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
AVAILABLE
Functional Diagrams
Pin Configurations appear at end of data sheet.
Functional Diagrams continued at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
+5V, RS-232 Transceivers
with 0.1µF External Capacitors
Selector Guide
General Description
The MAX200–MAX209/MAX211/MAX213 transceivers
are designed for RS-232 and V.28 communication inter-
faces where Q12V supplies are not available. On-board
charge pumps convert the +5V input to the Q10V needed
for RS-232 output levels. The MAX201 and MAX209
operate from +5V and +12V, respectively, and contain a
+12V to -12V charge-pump voltage converter.
The MAX200–MAX209/MAX211/MAX213 drivers and
receivers meet all EIA/TIA-232E and CCITT V.28 speci-
fications at a 20kbps data rate. The drivers maintain the
Q
5V EIA/TIA-232E output signal levels at data rates in
excess of 120kbps when loaded in accordance with the
EIA/TIA-232E specification.
The 5FW shutdown mode of the MAX200, MAX205,
MAX206, and MAX211 conserves energy in battery-pow-
ered systems. The MAX213 has an active-low shutdown
and an active-high receiver enable control. Two receiv-
ers of the MAX213 are active, allowing the ring indicator
(RI) to be monitored easily using only 75FW power.
The MAX211 and MAX213 are available in a 28-pin, wide
small-outline (SO) package and a 28-pin shrink small-
outline (SSOP) package, which occupies only 40% of the
area of the SO. The MAX207 is now available in a 24-pin
SO package and a 24-pin SSOP. The MAX203 and
MAX205 use no external components and are recom-
mended for applications with limited circuit board space.
Next-Generation Device Features
S
For Low-Cost Applications:
MAX221E: ±15kV ESD-Protected, +5V, 1µA,
Single RS-232 Transceiver with AutoShutdown™
S
For Low-Voltage and Space-Constrained Applications:
MAX3222E/MAX3232E/MAX3237E/MAX3241E/
MAX3246E: ±15kV ESD-Protected, Down
to 10nA, +3.0V to +5.5V, Up to 1Mbps, True
RS-232 Transceivers (MAX3246E Available in
UCSP™ Package)
S
For Space-Constrained Applications:
MAX3228E/MAX3229E: ±15kV ESD-Protected,
+2.5V to +5.5V, RS-232 Transceivers in UCSP
S
For Low-Voltage or Data Cable Applications:
MAX3380E/MAX3381E: +2.35V to +5.5V, 1µA,
2Tx/2Rx RS-232 Transceivers with ±15kV ESD-
Protected I/O and Logic Pins
S
For Low-Power Applications:
MAX3224E–MAX3227E/MAX3244E/MAX3245E:
±15kV ESD-Protected, 1µA, 1Mbps,
+3.0V to +5.5V, RS-232 Transceivers with
AutoShutdown Plus™
Applications
Computers: Laptops, Palmtops, Notebooks
Battery-Powered Equipment
Handheld Equipment
AutoShutdown, AutoShutdown Plus, and UCSP are trademarks of Maxim Integrated Products, Inc.
Ordering Information appears at end of data sheet.
PART
POWER-SUPPLY
VOLTAGE (V)
NUMBER
OF RS-232
DRIVERS
NUMBER
OF RS-232
RECEIVERS
NUMBER OF
RECEIVERS
ACTIVE IN
SHUTDOWN
NUMBER OF
EXTERNAL
CAPACITORS
(0.1µF)
LOW-POWER
SHUTDOWN/TTL
THREE-STATE
MAX200
+5
5
0
0
4
Yes/No
MAX201
+5 and +9.0 to +13.2
2
2
0
2
No/No
MAX202
+5
2
2
0
4
No/No
MAX203
+5
2
2
0
None
No/No
MAX204
+5
4
0
0
4
No/No
MAX205
+5
5
5
0
None
Yes/Yes
MAX206
+5
4
3
0
4
Yes/Yes
MAX207
+5
5
3
0
4
No/No
MAX208
+5
4
4
0
4
No/No
MAX209
+5 and +9.0 to +13.2
3
5
0
2
No/Yes
MAX211
+5
4
5
0
4
Yes/Yes
MAX213
+5
4
5
2
4
Yes/Yes
19-0065; Rev 7; 12/05
MAX200–MAX209/
MAX211/MAX213


Similar Part No. - MAX213C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX213C/D MAXIM-MAX213C/D Datasheet
580Kb / 20P
5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX213C/D MAXIM-MAX213C/D Datasheet
2Mb / 23P
5V, RS-232 Transceivers with 0.1關F External Capacitors
Rev 7; 12/05
More results

Similar Description - MAX213C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX200 MAXIM-MAX200 Datasheet
580Kb / 20P
5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
logo
Sipex Corporation
SP200 SIPEX-SP200 Datasheet
213Kb / 15P
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
SP200 SIPEX-SP200_05 Datasheet
263Kb / 16P
5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
logo
Maxim Integrated Produc...
MAX200 MAXIM-MAX200_05 Datasheet
2Mb / 23P
5V, RS-232 Transceivers with 0.1關F External Capacitors
Rev 7; 12/05
MAX204EWE MAXIM-MAX204EWE Datasheet
1Mb / 23P
5V, RS-232 Transceivers with 0.1μF External Capacitors
Rev 7; 12/05
MAX200 MAXIM-MAX200_15 Datasheet
1Mb / 23P
5V, RS-232 Transceivers with 0.1μF External Capacitors
Rev 8; 1/15
logo
Exar Corporation
SP206 EXAR-SP206 Datasheet
1Mb / 14P
5V RS-232 Serial Transceivers
SP208ECA-L-TR EXAR-SP208ECA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
SP211ECA-L-TR EXAR-SP211ECA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com