Electronic Components Datasheet Search
  English  ▼

X  

MAX213C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX213C/D
Description  5V, RS-232 Transceivers with 0.1muF External Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX213C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX213C/D Datasheet HTML 1Page - Maxim Integrated Products MAX213C/D Datasheet HTML 2Page - Maxim Integrated Products MAX213C/D Datasheet HTML 3Page - Maxim Integrated Products MAX213C/D Datasheet HTML 4Page - Maxim Integrated Products MAX213C/D Datasheet HTML 5Page - Maxim Integrated Products MAX213C/D Datasheet HTML 6Page - Maxim Integrated Products MAX213C/D Datasheet HTML 7Page - Maxim Integrated Products MAX213C/D Datasheet HTML 8Page - Maxim Integrated Products MAX213C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
+5V, RS-232 Transceivers
with 0.1µF External Capacitors
Detailed Description
The MAX200–MAX209/MAX211/MAX213 consist of
three sections: charge-pump voltage converters, drivers
(transmitters), and receivers. Each section is described
in detail.
+5V to ±10V Dual Charge-Pump
Voltage Converter
The +5V to Q10V conversion is performed by two
charge-pump voltage converters (Figure 4). The first
uses capacitor C1 to double +5V to +10V, storing +10V
on the V+ output filter capacitor, C3. The second charge-
pump voltage converter uses capacitor C2 to invert +10V
to -10V, storing -10V on the V- output filter capacitor, C4.
The MAX201 and MAX209 include only the V+ to V-
charge pump, and are intended for applications that
have a VCC = +5V supply and a V+ supply in the +9V to
+13.2V range.
In shutdown mode, V+ is internally connected to VCC by
a 1kI pulldown resistor and V- is internally connected to
ground by a 1kI pullup resistor.
RS-232 Drivers
When VCC = +5V, the typical driver output-voltage swing
is Q8V when loaded with a nominal 5kI RS-232 receiver.
The output swing is guaranteed to meet the EIA/TIA-232E
and V.28 specifications, which call for Q5V minimum out-
put levels under worst-case conditions. These include
a minimum 3kI load, VCC = +4.5V, and the maximum
operating temperature. The open-circuit output-voltage
swing ranges from (V+ - 0.6V) to V-.
Input thresholds are both CMOS and TTL compatible.
The inputs of unused drivers can be left unconnected
since 400kI pullup resistors to VCC are included on-
chip. Since all drivers invert, the pullup resistors force
the outputs of unused drivers low. The input pullup resis-
tors typically source 15µA; therefore, the driver inputs
should be driven high or open circuited to minimize
power-supply current in shutdown mode.
When in low-power shutdown mode, the driver outputs
are turned off and their leakage current is less than 1mA,
even if the transmitter output is backdriven between 0V
and (VCC + 6V). Below -0.5V, the transmitter output is
diode clamped to ground with a 1kI series impedance.
The transmitter output is also zener clamped to approxi-
mately (VCC + 6V), with a 1kI series impedance.
Figure 1. Shutdown Current Test Circuit
Figure 2. Receiver Output Enable and Disable Timing
ISHDN
+5.5V
+5.5V
+5.5V (0)
+5.5V
0V OR +5.5V
DRIVE
0.1FF
0.1FF
0.1FF
0.1FF
C1+
C1-
C2+
C2-
400kI
3kI
5kI
GND
VCC
V+
V-
TIN
+5.5V
T1 T0 T5
R1 T0 R5
TOUT
RIN
0.1FF
SHDN
ROUT
(SHDN)
EN (EN)
MAX200
MAX205
MAX206
MAX211
MAX213
NOTE 1: ( ) ARE FOR MAX213.
NOTE 2: CAPACITORS CAN BE POLARIZED OR UNPOLARIZED.
+3.5V
RECEIVER
OUTPUT
CL = 150pF
+0.8V
VOH - 0.1V
+ 2.5V
VOH
VOL
RL = 1kI
VOL + 0.1V
OUTPUT ENABLE TIME
RECEIVER
OUTPUTS
+3V
0V
EN
INPUT
OUTPUT ENABLE TIME
+3V
0V
EN
INPUT
NOTE: POLARITY OF EN IS REVERSED FOR THE MAX213.
MAX200–MAX209/MAX211/MAX213
Maxim Integrated
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com