Electronic Components Datasheet Search
  English  ▼

X  

ADP5023 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5023
Description  Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5023 Datasheet(HTML) 1 Page - Analog Devices

  ADP5023 Datasheet HTML 1Page - Analog Devices ADP5023 Datasheet HTML 2Page - Analog Devices ADP5023 Datasheet HTML 3Page - Analog Devices ADP5023 Datasheet HTML 4Page - Analog Devices ADP5023 Datasheet HTML 5Page - Analog Devices ADP5023 Datasheet HTML 6Page - Analog Devices ADP5023 Datasheet HTML 7Page - Analog Devices ADP5023 Datasheet HTML 8Page - Analog Devices ADP5023 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Dual 3 MHz, 800 mA Buck
Regulators with Two 300 mA LDOs
Data Sheet
ADP5037
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Main input voltage range: 2.3 V to 5.5 V
Two 800 mA buck regulators and two 300 mA LDOs
24-lead, 4 mm × 4 mm LFCSP package
Regulator accuracy: ±1.8%
Factory programmable or external adjustable VOUTx
3 MHz buck operation with forced PWM and auto PWM/PSM
modes
BUCK1/BUCK2: output voltage range from 0.8 V to 3.8 V
LDO1/LDO2: output voltage range from 0.8 V to 5.2 V
LDO1/LDO2: input supply voltage from 1.7 V to 5.5 V
LDO1/LDO2: high PSRR and low output noise
APPLICATIONS
Power for processors, ASICS, FPGAs, and RF chipsets
Portable instrumentation and medical devices
Space constrained devices
GENERAL DESCRIPTION
The ADP5037 combines two high performance buck regulators
and two low dropout (LDO) regulators in a small, 24-lead 4 mm ×
4 mm LFCSP to meet demanding performance and board space
requirements.
The high switching frequency of the buck regulators enables tiny
multilayer external components and minimizes the board space.
When the MODE pin is set high, the buck regulators operate in
forced PWM mode. When the MODE pin is set low and the
load is above a predefined threshold, the buck regulators
operate in PWM mode. When the load current falls below a
predefined threshold, the regulator operates in power save
mode (PSM), improving the light-load efficiency.
Table 1. Family Models
Model
Channels
Maximum
Current
Package
ADP5023
2 Buck, 1 LDO
800 mA,
300 mA
LFCSP (CP-24-10)
ADP5024
2 Buck, 1 LDO
1.2 A,
300 mA
LFCSP (CP-24-10)
ADP5034
2 Buck, 2 LDOs
1.2 A,
300 mA
LFCSP (CP-24-10),
TSSOP (RE-28-1)
ADP5037
2 Buck, 2 LDOs
800 mA,
300 mA
LFCSP (CP-24-10)
ADP5033
2 Buck, 2 LDOs with
2 EN pins
800 mA,
300 mA
WLCSP (CB-16-8)
The two bucks operate out of phase to reduce the input capaci-
tor requirement. The low quiescent current, low dropout voltage,
and wide input voltage range of the ADP5037 LDOs extend the
battery life of portable devices. The ADP5037 LDOs maintain
power supply rejection greater than 60 dB for frequencies as
high as 10 kHz while operating with a low headroom voltage.
Regulators in the ADP5037 are activated though dedicated
enable pins. The default output voltages can be externally set in
the adjustable version or factory programmable to a wide range
of preset values in the fixed voltage version.
TYPICAL APPLICATION CIRCUIT
AGND
VIN3
EN2
EN3
EN4
VIN4
EN1
VIN1
PWM
PSM/PWM
2.3V TO
5.5V
SW1
FB1
R2
R1
VOUT1
PGND1
MODE
C5
10µF
VOUT1 AT
800mA
VOUT2 AT
800mA
VOUT3 AT
300mA
VOUT4 AT
300mA
L1 1µH
EN1
BUCK1
MODE
C3
1µF
C2
4.7µF
C1
4.7µF
AVIN
CAVIN
0.1µF
C4
1µF
VIN2
EN2
BUCK2
MODE
1.7V TO
5.5V
ON
OFF
ON
OFF
EN3
LDO1
(ANALOG)
ADP5037
HOUSEKEEPING
SW2
FB2
R4
R3
VOUT2
PGND2
C6
10µF
L2 1µH
FB3
R6
R5
VOUT3
C7
1µF
FB4
R8
R7
VOUT4
C8
1µF
EN4
LDO2
(DIGITAL)
Figure 1.


Similar Part No. - ADP5023

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5023 AD-ADP5023 Datasheet
826Kb / 28P
Dual 3 MHz, 800 mA Buck
REV. A
ADP5023 AD-ADP5023 Datasheet
758Kb / 28P
Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. D
ADP5023 AD-ADP5023 Datasheet
782Kb / 24P
Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
11/14-Revision 0
ADP5023 AD-ADP5023 Datasheet
758Kb / 28P
Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
Rev. E
ADP5023ACPZ-1-R7 AD-ADP5023ACPZ-1-R7 Datasheet
826Kb / 28P
Dual 3 MHz, 800 mA Buck
REV. A
More results

Similar Description - ADP5023

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5022 AD-ADP5022 Datasheet
683Kb / 28P
Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
REV. A
ADP5033 AD-ADP5033 Datasheet
681Kb / 28P
Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. 0
ADP5034 AD-ADP5034 Datasheet
706Kb / 28P
Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
REV. A
ADP5023 AD-ADP5023 Datasheet
826Kb / 28P
Dual 3 MHz, 800 mA Buck
REV. A
ADP5024 AD-ADP5024 Datasheet
993Kb / 28P
Dual 3 MHz, 1200 mA Buck
REV. A
ADP5037 AD-ADP5037 Datasheet
758Kb / 28P
Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. D
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
10/2019-Rev. A to Rev. B
ADP5041 AD-ADP5041 Datasheet
4Mb / 40P
Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
5/2019-Rev. A to Rev. B
logo
Microchip Technology
MIC2810 MICROCHIP-MIC2810 Datasheet
2Mb / 26P
Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
09/14/21
logo
Analog Devices
ADP5034 AD-ADP5034_V01 Datasheet
758Kb / 28P
Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com