Electronic Components Datasheet Search
  English  ▼

X  

ADP5023 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP5023
Description  Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5023 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP5023 Datasheet HTML 12Page - Analog Devices ADP5023 Datasheet HTML 13Page - Analog Devices ADP5023 Datasheet HTML 14Page - Analog Devices ADP5023 Datasheet HTML 15Page - Analog Devices ADP5023 Datasheet HTML 16Page - Analog Devices ADP5023 Datasheet HTML 17Page - Analog Devices ADP5023 Datasheet HTML 18Page - Analog Devices ADP5023 Datasheet HTML 19Page - Analog Devices ADP5023 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADP5037
Data Sheet
Rev. D | Page 16 of 28
Thermal Protection
In the event that the junction temperature rises above 150°C,
the thermal shutdown circuit turns off all the regulators. Extreme
junction temperatures can be the result of high current operation,
poor circuit board design, or high ambient temperature.
A 20°C hysteresis is included so that when thermal shutdown
occurs, the regulators do not return to operation until the on-chip
temperature drops below 130°C. When coming out of thermal
shutdown, all regulators restart with soft start control.
Undervoltage Lockout
To protect against battery discharge, undervoltage lockout
(UVLO) circuitry is integrated into the system. If the input
voltage on AVIN drops below a typical 2.15 V UVLO threshold,
all channels shut down. In the buck channels, both the power
switch and the synchronous rectifier turn off. When the voltage
on AVIN rises above the UVLO threshold, the part is enabled
once more.
Alternatively, the user can select device models with a UVLO
set at a higher level, suitable for 5 V supply applications. For
these models, the device reaches the turn-off threshold when
the input supply drops to 3.65 V typical.
In case of a thermal or UVLO event, the active pull-downs (if
factory enabled) are enabled to discharge the output capacitors
quickly. The pull-down resistors remain engaged until the thermal
fault event is no longer present, or the input supply voltage falls
below the VPOR voltage level. The typical value of VPOR is approx-
imately 1 V.
Enable/Shutdown
The ADP5037 has an individual control pin for each regulator.
A logic level high applied to the ENx pin activates a regulator,
whereas a logic level low turns off a regulator.
Figure 46 shows the regulator activation timings for the ADP5037
when all enable pins are connected to AVIN. Also shown is the
active pull-down activation.
AVIN
VOUT3
VOUT4
VOUT1
VUVLO
VOUT2
VPOR
BUCK2
PULL-DOWN
BUCK1,
LDO1,
LDO2
PULL-DOWNS
50µs (MIN)
30µs
(MIN)
50µs (MIN)
30µs
(MIN)
Figure 46. Regulator Sequencing on the ADP5037 (EN1 = EN2 = EN3 = EN4 = VAVIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com