Electronic Components Datasheet Search
  English  ▼

X  

ADP5023 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP5023
Description  Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5023 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP5023 Datasheet HTML 18Page - Analog Devices ADP5023 Datasheet HTML 19Page - Analog Devices ADP5023 Datasheet HTML 20Page - Analog Devices ADP5023 Datasheet HTML 21Page - Analog Devices ADP5023 Datasheet HTML 22Page - Analog Devices ADP5023 Datasheet HTML 23Page - Analog Devices ADP5023 Datasheet HTML 24Page - Analog Devices ADP5023 Datasheet HTML 25Page - Analog Devices ADP5023 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADP5037
Data Sheet
Rev. D | Page 22 of 28
POWER DISSIPATION AND THERMAL CONSIDERATIONS
The ADP5037 is a highly efficient µPMU, and, in most cases, the
power dissipated in the device is not a concern. However, if the
device operates at high ambient temperatures and maximum
loading condition, the junction temperature can reach the
maximum allowable operating limit (125°C).
When the temperature exceeds 150°C, the ADP5037 turns off
all the regulators, allowing the device to cool down. When the
die temperature falls below 130°C, the ADP5037 resumes
normal operation.
This section provides guidelines to calculate the power dissipated
in the device and ensure that the ADP5037 operates below the
maximum allowable junction temperature.
The efficiency for each regulator on the ADP5037 is given by
100%
×
=
IN
OUT
P
P
η
(1)
where:
η is the efficiency.
PIN is the input power.
POUT is the output power.
Power loss is given by
PLOSS = PIN − POUT
(2a)
or
PLOSS = POUT (1− η)/η
(2b)
Power dissipation can be calculated in several ways. The most
intuitive and practical is to measure the power dissipated at the
input and all the outputs. Perform the measurements at the
worst-case conditions (voltages, currents, and temperature).
The difference between input and output power is dissipated in
the device and the inductor. Use Equation 4 to derive the power
lost in the inductor and, from this, use Equation 3 to calculate
the power dissipation in the ADP5037 buck converter.
A second method to estimate the power dissipation uses the
efficiency curves provided for the buck regulator, and the power
lost on each LDO can be calculated using Equation 12. When
the buck efficiency is known, use Equation 2b to derive the total
power lost in the buck regulator and inductor, use Equation 4 to
derive the power lost in the inductor, and then calculate the
power dissipation in the buck converter using Equation 3. Add
the power dissipated in the buck and in the two LDOs to find
the total dissipated power.
Note that the buck efficiency curves are typical values and may
not be provided for all possible combinations of VIN, VOUT, and
IOUT. To account for these variations, it is necessary to include a
safety margin when calculating the power dissipated in the buck.
A third way to estimate the power dissipation is analytical and
involves modeling the losses in the buck circuit provided by
Equation 8 to Equation 11 and the losses in the LDO provided
by Equation 12.
BUCK REGULATOR POWER DISSIPATION
The power loss of the buck regulator is approximated by
PLOSS = PDBUCK + PL
(3)
where:
PDBUCK is the power dissipation on one of the ADP5037 buck
regulators.
PL is the inductor power losses.
The inductor losses are external to the device, and they do not
have any effect on the die temperature.
The inductor losses are estimated (without core losses) by
PL ≈ IOUT1(RMS)2 × DCRL
(4)
where:
DCRL is the inductor series resistance.
IOUT1(RMS) is the rms load current of the buck regulator.
12
+
1
)
(
1
r
I
I
OUT1
RMS
OUT
×
=
(5)
where r is the normalized inductor ripple current.
r = VOUT1 × (1 − D)/(IOUT1 × L × fSW)
(6)
where:
L is the inductance.
fSW is the switching frequency.
D is the duty cycle.
D = VOUT1/VIN1
(7)
The ADP5037 buck regulator power dissipation, PDBUCK, includes
the power switch conductive losses, the switch losses, and the
transition losses of each channel. There are other sources of
loss, but these are generally less significant at high output load
currents, where the thermal limit of the application is. Equation
8 captures the calculation that must be made to estimate the
power dissipation in the buck regulator.
PDBUCK = PCOND + PSW + PTRAN
(8)
The power switch conductive losses are due to the output current,
IOUT1, flowing through the P-MOSFET and the N-MOSFET
power switches that have internal resistance, RDSON-P and
RDSON-N. The amount of conductive power loss is found by
PCOND = [RDSON-P × D + RDSON-N × (1 − D)] × IOUT1(RMS)2 (9)
where RDSON-P is approximately 0.2 Ω, and RDSON-N is approxi-
mately 0.16 Ω at 25°C junction temperature and VIN1 = VIN2 =
3.6 V. At VIN1 = VIN2 = 2.3 V, these values change to 0.31 Ω and
0.21 Ω, respectively, and at VIN1 = VIN2 = 5.5 V, the values are
0.16 Ω and 0.14 Ω, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com