Electronic Components Datasheet Search
  English  ▼

X  

MAX16832AASA/V Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16832AASA/V
Description  2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16832AASA/V Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16832AASA/V Datasheet HTML 2Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 3Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 4Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 5Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 6Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 7Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 8Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 9Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
2MHz, High-Brightness LED Drivers with
Integrated MOSFET and High-Side Current Sense
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time. The parametric values (min and max limits) shown in
the Electrical Characteristics table are guaranteed. Other parametric values quoted in this data sheet are provided for guidance.
10
_______________Maxim Integrated Products, Inc. 160 Rio Robles, San Jose, CA 95134 USA 1-408-601-1000
© 2012 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
5/08
Initial release
—
1
9/08
Introduced the MAX16832C
1
2
5/09
Revised General Description, Features, Absolute Maximum Ratings, and
Detailed Description
1, 2, 5
3
2/10
Updated PCB Layout Guidelines and added Figure 3
8, 9
4
8/10
Corrected Functional Diagram and added Soldering (reflow) to Absolute
Maximum Ratings
2, 5, 6
5
3/12
Updated Sense Voltage Threshold High and DIM Turn-On Time in Electrical
Characteristics
2, 3
6
7/12
Added automotive qualified part to Ordering Information
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com