Electronic Components Datasheet Search
  English  ▼

X  

MAX16832AASA/V Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16832AASA/V
Description  2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16832AASA/V Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16832AASA/V Datasheet HTML 1Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 2Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 3Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 4Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 5Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 6Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 7Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 8Page - Maxim Integrated Products MAX16832AASA/V Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2MHz, High-Brightness LED Drivers with
Integrated MOSFET and High-Side Current Sense
4
NORMALIZED ILED CURRENT
vs. INPUT VOLTAGE
VIN (V)
60
55
50
45
40
35
30
25
20
15
10
5
065
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
0.95
1 LED 3 LEDs 5 LEDs
7 LEDs 9 LEDs
11 LEDs
13 LEDs
15 LEDs
QUIESCENT CURRENT
vs. INPUT VOLTAGE
VIN (V)
60
55
45 50
15 20 25 30 35 40
5 10
50
100
150
200
250
300
350
400
450
500
0
065
VDIM = 0V
PWM DIMMING
AT 200Hz (10% DUTY CYCLE)
MAX16832A toc06
1ms/div
ILED
200mA/div
0
0
VDIM
5V/div
VIN = 48V
8 LEDs
PWM DIMMING
AT 200Hz (90% DUTY CYCLE )
MAX16822A toc07
1ms/div
ILED
200mA/div
VDIM
5V/div
0
0
VIN = 48V
8 LEDs
PWM DIMMING
AT 20kHz (90% DUTY CYCLE)
MAX16832A toc08
10
µs/div
ILED
200mA/div
VDIM
5V/div
0
0
VIN = 48V
8 LEDs
LED CURRENT
vs. VTEMP_I
VTEMP_I (V)
2.4
2.0
1.2
1.6
0.8
0.4
500
450
400
350
300
250
200
150
100
50
650
550
600
750
700
800
0
0
2.8
ILED
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
-40
125
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
VIN = 48V
Typical Operating Characteristics (continued)
(VIN = VDIM = 48V, RSENSE = 0.3Ω, L = 220µH (connected between IN and CS). Typical values are at TA = +25°C, unless otherwise
noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com