Electronic Components Datasheet Search
  English  ▼

X  

AD5520 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5520
Description  Per Pin Parametric Measurement Unit/Source Measure Unit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5520 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5520 Datasheet HTML 7Page - Analog Devices AD5520 Datasheet HTML 8Page - Analog Devices AD5520 Datasheet HTML 9Page - Analog Devices AD5520 Datasheet HTML 10Page - Analog Devices AD5520 Datasheet HTML 11Page - Analog Devices AD5520 Datasheet HTML 12Page - Analog Devices AD5520 Datasheet HTML 13Page - Analog Devices AD5520 Datasheet HTML 14Page - Analog Devices AD5520 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5520
Rev. B | Page 11 of 24
VDD = +15V
VSS = –15V
TA = 25°C
CCOMP = 0.1nF
CCOMP = 3.3nF
CCOMP = 1.0nF
FREQUENCY (Hz)
–35
–25
–20
–15
–10
–5
0
–30
–45
–40
100
1k
10k
100k
Figure 11. Force Amplifier Bandwidth, Mode 2 (400 μA)
VDD = +15V
VSS = –15V
TA = 25°C
FREQUENCY (Hz)
5
–35
–25
–20
–15
–10
–5
0
–30
–40
11k
100
10
1M
100k
10k
10M
100M
Figure 12. Guard Amplifier Bandwidth
VDD = +15V
VSS = –15V
TA = 25°C
FREQUENCY (Hz)
20
–50
–40
–30
–20
–10
0
10
–60
100k
1M
10M
Figure 13. Current Sense Amplifier AC PSRR
VDD = +15V
VSS = –15V
TA = 25°C
CCOMP = 0.1nF
CCOMP = 3.3nF
CCOMP = 1.0nF
FREQUENCY (Hz)
–35
–25
–20
–15
–10
–5
0
–30
–45
–40
100
1k
10k
100k
Figure 14. Force Amplifier Bandwidth, Mode 3 (4 mA)
VDD = +15V
VSS = –15V
TA = 25°C
FREQUENCY (Hz)
30
–20
0
–10
10
20
–30
100
1k
1M
100k
10k
10M
VSENSE
ISENSE
Figure 15. Voltage Sense and Current Sense Amplifier Bandwidths
FREQUENCY (Hz)
0
–25
–20
–10
–30
–15
–5
100k
1M
10M
VDD = +15V
VSS = –15V
TA = 25°C
Figure 16. Force Amplifier AC PSRR, Mode 3, CCOMP = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com