Electronic Components Datasheet Search
  English  ▼

X  

AD5520 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5520
Description  Per Pin Parametric Measurement Unit/Source Measure Unit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5520 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5520 Datasheet HTML 10Page - Analog Devices AD5520 Datasheet HTML 11Page - Analog Devices AD5520 Datasheet HTML 12Page - Analog Devices AD5520 Datasheet HTML 13Page - Analog Devices AD5520 Datasheet HTML 14Page - Analog Devices AD5520 Datasheet HTML 15Page - Analog Devices AD5520 Datasheet HTML 16Page - Analog Devices AD5520 Datasheet HTML 17Page - Analog Devices AD5520 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD5520
Rev. B | Page 14 of 24
INTERFACE
The AD5520 PPMU is controlled via a number of digital inputs,
which are discussed in detail in the following sections. All
inputs are TTL-compatible. CS is used to select the device while
STB (active low input) latches data available on the other digital
inputs and updates any required digital outputs. The rising edge
of STB triggers sequence inputs. The remaining digital inputs
control the function of the PMU. They also determine which
measure mode the PMU is in, the compensation capacitor used,
and the selected current range.
STANDBY MODE
The AD5520 can be placed into standby mode via the standby
logic input. In this mode, the force amplifier is disconnected
from the force input (FIN). In addition, the switch in series with
the force output pins (FOHx) is opened, and the current
measure amplifier is disconnected from the sense resistors. The
voltage measure amplifier is still connected across the DUT;
therefore, DUT voltage measurements may still be made while
in standby mode. Figure 21 shows the configuration of the
PMU while in standby mode.
Table 5. Standby Mode
Standby
Function
Low
Normal Force Mode
High
Standby Mode
DAC
MEASIHx
MEASIL
MEASVH
MEASVL
FOHx
RS
DUT
FIN
MEASIOUT
MEASVOUT
G = 16
G = 1
Figure 21. PMU in Standby Mode
FORCE VOLTAGE OR FORCE CURRENT
FSEL is an input that determines whether the PPMU forces a
voltage or current.
Table 6. FSEL Function
FSEL
Function
Low
Voltage Force and Current Clamp with MEASIOUT Voltage
High
Current Force and Voltage Clamp with MEASVOUT Voltage
MEASURED PARAMETER
MEASOUT is a muxed output that tracks the sensed parameter.
MSEL (digital input) connects the MEASOUT to the output of
the current sense amplifier or the voltage sense amplifier,
depending on which is the measured parameter of interest.
The MEASOUT pin is connected back to an ADC to allow the
measured value to be converted to a digital code.
Table 7. MEASOUT Connected to Voltage or Current
MSEL
Function
Low
MEASOUT = DUT Voltage
High
MEASOUT = DUT Current
The MEASOUT pin can also be made high impedance through
the MOEB logic input.
Table 8. MOEB Allows MEASOUT to Go High Impedance
MOEB
Function
Low
Enable MEASOUT Output
High
Hi-Z MEASOUT Output
CURRENT RANGES
A number of current ranges are possible with the AD5520. The
AM0, AM1, and AM2 pins are digital inputs used to establish
full-scale current range of the PMU.
Table 9. Selection of Current Range
AM0
AM1
AM2
Function
Low
Low
Low
Current Range MODE0 (4 μA)
High
Low
Low
Current Range MODE1 (40 μA)
Low
High
Low
Current Range MODE2 (400 μA)
High
High
Low
Current Range MODE3 (4 mA)
Low
Low
High
Current Range MODE4
(External Buffer Mode)
High
Low
High
Current Range MODE5
(External Buffer Mode)
Low
High
High
Standby (Same as STANDBY = High)
High
High
High
Standby (Same as STANDBY = High)
RS SELECTION
The AD5520 is designed to ensure the voltage drop across each
of the RS resistors is less than ±500 mV when maximum current
is flowing through them. To support other current ranges, these
sense resistor values can be changed. The force amplifier can
drive a maximum of 6 mA. It is not recommended to increase
the maximum current above the nominal range.
The two external current ranges use an external buffer to drive
higher current. The example in Figure 26 uses 40 mA and
160 mA ranges. These ranges can be changed to suit user
requirements for a high current range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com