| Electronic Components Datasheet Search |
|
AD5520 Datasheet(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5520 Datasheet(HTML) 16 Page - Analog Devices |
|
16 / 24 page ![]() AD5520 Rev. B | Page 16 of 24 CIRCUIT OPERATION FORCE VOLTAGE Most PMU measurements are performed while in force voltage and measure current modes; for example, when the device is used as a device power supply, or in continuity or leakage testing. In the force voltage mode, the voltage at analog input FIN is mapped directly to the voltage forced at the DUT. When in force voltage and measure current modes, the maximum voltage applied to the input corresponds to the maximum current outputs. Figure 22 shows the transfer function when forcing a voltage. VDUT VCLL × RS × 16 RDUT VCLH × RS × 16 RDUT RS × 16 VCLH RS × 16 VCLL VCLH VCLH IDUT VFIN VFIN Figure 22. Force Voltage Transfer Function MEASURE CURRENT Figure 23 shows a simplified diagram of the PMU when in force voltage mode. The control loop consists of the force amplifier with the voltage sense amplifier making up the feedback path. Current flowing through the DUT is measured by sensing the current flowing through a selectable sense resistor, which is in series with the DUT. The current sense amplifier (Gain = 16) generates a voltage at its output, which is proportional to the current flowing through the DUT. This voltage is compared to the CLL and CLH levels to ensure the clamp voltages have not been exceeded. Strobing CPCK and STB provides information about the voltage level with respect to the comparator levels, CPH and CPL. MEASIHx MEASIL G= 16 MEASVH MEASVL G = 1 FOHx RS RDUT FIN VMEASIOUT VMEASVOUT CLH CLL VCLL VCLH VFIN CONDITION OUTPUT VCLH > IDUT × RS × 16 VCLL < IDUT × RS × 16 VDUT = VFIN VDUT = VCLH VDUT = VCLL VCLH > IDUT × RS × 16 VCLL > IDUT × RS × 16 VCLH < IDUT × RS × 16 VCLL < IDUT × RS × 16 REFGNDI/V V V Figure 23. Force Voltage, Measure Current Mode |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |