Electronic Components Datasheet Search
  English  ▼

X  

FXLC95000CL Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # FXLC95000CL
Description  Xtrinsic FXLC95000CL Intelligent, Motion-Sensing Platform
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLC95000CL Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button FXLC95000CL Datasheet HTML 26Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 27Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 28Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 29Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 30Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 31Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 32Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 33Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
3. Set-up time in slave-transmitter mode is 1 system-clock period (16 MHz = 62.5 ns). There is no FIFO on the I2C.
4. A fast-mode, I2C bus device can be used in a standard mode I2C bus system, but the requirement tSU; DAT ≥ 250 ns
must then be met. This will automatically be the case if the device does not stretch the LOW period of the SCL signal.
According to the standard mode, I2C bus specification, if such a device stretches the LOW period of the SCL signal, it
must output the next data bit to the SDA line trmax + tSU; DAT = 1000 + 250 = 1250 ns before the SCL line is released.
5.11.3 SPI interfaces (slave and master)
Figure 11 and Table 14 describe the timing requirements for the SPI system.
1
12
11
3
2
4
4
7
9
10
8
10
6
5
SS
(input)
SCLK
(input)
MOSI
(input)
MISO
(output)
Note:
Not defined—normally the MSB of the character just received.
SLAVE MSB OUT
BIT 6...1
SLAVE LSB OUT
Not defined
(see note)
LSB IN
MSB IN
BIT 6...1
Figure 11. Slave and master SPI timing
Table 14. Slave and master SPI timing
Drawing
Number
Function
Symbol
Min
Max
Unit
—
Operating frequency
fop
0
FOPH/4
Hz
1
SCLK period
tSCLK
4
—
tCYCH
2
Enable lead time
tLead
0.5
—
tCYCH
3
Enable lag time
tLag
0.5
—
tCYCH
4
Clock (SCLK) high or low time
tWSCLK
200
—
ns
Table continues on the next page...
Mechanical and Electrical Specifications
30
Xtrinsic FXLC95000CL Intelligent, Motion-Sensing Platform, Rev1.2, 8/2013.
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com