Electronic Components Datasheet Search
  English  ▼

X  

FXLC95000CL Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # FXLC95000CL
Description  Xtrinsic FXLC95000CL Intelligent, Motion-Sensing Platform
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLC95000CL Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button FXLC95000CL Datasheet HTML 29Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 30Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 31Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 32Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 33Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 34Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 35Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 36Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
6.2 Footprint and pattern information
Notes:
1. All measurements are in millimeters.
2. There is a 0.015 mm shrink on each direction from Copper footprint.
2.225
6
7
8
9
10
11
12
13
14
15
1
2
3
5
16
17
18
19
20
21
23
24
+
+
+
+
+
0.350
0.250
0.100
0.100
0.250
0.500
0.375
Package footprint
0.500
+
22
1.225
+
4
PCB Copper pattern
0.650
0.250
0.250
+
+
+
+
+
+
1.375
2.375
PCB solder-mask pattern
0.850
3.450
0.850
0.225
2.450
+
+
1.375
+
2.375
+
+
PCB stencil pattern
(2)
0.220
0.620
+
+
2.375
+
+
1.375
Package Information
Xtrinsic FXLC95000CL Intelligent, Motion-Sensing Platform, Rev1.2, 8/2013.
33
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com