| Electronic Components Datasheet Search |
|
AD7862 Datasheet(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7862 Datasheet(HTML) 13 Page - Analog Devices |
|
13 / 16 page ![]() AD7862 –13– REV. 0 MICROPROCESSOR INTERFACING The AD7862 high speed bus timing allows direct interfacing to DSP processors as well as modern 16-bit microprocessors. Suitable microprocessor interfaces are shown in Figures 14 through 18. AD7862–ADSP-2100 Interface Figure 14 shows an interface between the AD7862 and the ADSP-2100. The CONVST signal can be supplied from the ADSP-2100 or from an external source. The AD7862 BUSY line provides an interrupt to the ADSP-2100 when conversion is completed on all four channels. The four conversion results can then be read from the AD7862 using four successive reads to the same memory address. The following instruction reads one of the four results (this instruction is repeated four times to read all four results in sequence): MR0 = DM(ADC) where MR0 is the ADSP-2100 MR0 register, and ADC is the AD7862 address. OPTIONAL DMA0 DMA13 DMD15 DMD0 DMS EN ADDR DECODE ADDRESS BUS ADSP-2100 (ADSP-2101/ ADSP-2102) * ADDITIONAL PINS OMITTED FOR CLARITY DATA BUS CONVST CS DB11 DB0 RD BUSY AD7862* IRQn DMRD (RD) A0 Figure 14. AD7862–ADSP-2100 Interface AD7862–ADSP-2101/ADSP-2102 INTERFACE The interface outlined in Figure 14 also forms the basis for an interface between the AD7862 and the ADSP-2101/ADSP-2102. The READ line of the ADSP-2101/ADSP-2102 is labeled RD. In this interface, the RD pulse width of the processor can be programmed using the Data Memory Wait State Control Register. The instruction used to read one of the four results is outlined for the ADSP-2100. AD7862–TMS32010 Interface An interface between the AD7862 and the TMS32010 is shown in Figure 15. Once again, the CONVST signal can be supplied from the TMS32010 or from an external source, and the TMS32010 is interrupted when both conversions have been completed. The following instruction is used to read the conver- sion results from the AD7862: IN D,ADC where D is Data Memory address, and ADC is the AD7862 address. OPTIONAL PA0 PA2 D15 D0 MEN EN ADDR DECODE ADDRESS BUS TMS32010 * ADDITIONAL PINS OMITTED FOR CLARITY DATA BUS CONVST CS DB11 DB0 RD BUSY AD7862* INT DEN A0 Figure 15. AD7862–TMS32010 Interface AD7862–TMS320C25 Interface Figure 16 shows an interface between the AD7862 and the TMS320C25. As with the two previous interfaces, conversion can be initiated from the TMS320C25 or from an external source, and the processor is interrupted when the conversion sequence is completed. The TMS320C25 does not have a separate RD output to drive the AD7862 RD input directly. This has to be generated from the processor STRB and R/W outputs with the addition of some logic gates. The RD signal is OR-gated with the MSC signal to provide the one WAIT state required in the read cycle for correct interface timing. Conver- sion results are read from the AD7862 using the following instruction: IN D,ADC where D is Data Memory address and ADC is the AD7862 address. A0 A15 D15 D0 IS EN ADDR DECODE ADDRESS BUS OPTIONAL DATA BUS CONVST CS DB11 DB0 RD BUSY AD7862* TMS320C25 *ADDITIONAL PINS OMITTED FOR CLARITY INTn R/W STRB MSC READY A0 Figure 16. AD7862–TMS320C25 Interface |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |