| Electronic Components Datasheet Search |
|
AD7862 Datasheet(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7862 Datasheet(HTML) 15 Page - Analog Devices |
|
15 / 16 page ![]() AD7862 –15– REV. 0 VOLTAGE ATTENUATORS DAC DAC DAC TORQUE SETPOINT A1 V V B2 V B1 V A2 *ADDITIONAL PINS OMITTED FOR CLARITY TORQUE & FLUX CONTROL LOOP CALCULATIONS & TWO TO THREE PHASE INFORMATION TRANSFORMATION TO TORQUE & FLUX CURRENT COMPONENTS FLUX SETPOINT DRIVE CIRCUITRY ISOLATION AMPLIFIERS AD7862* DSP MICROPROCESSOR I C I B I A V B V A 3 PHASE MOTOR Figure 19. Vector Motor Control Using the AD7862 MULTIPLE AD7862S Figure 20 shows a system where a number of AD7862s can be configured to handle multiple input channels. This type of configuration is common in applications such as sonar, radar, etc. The AD7862 is specified with typical limits on aperture delay. This means that the user knows the difference in the sampling instant between all channels. This allows the user to maintain relative phase information between the different channels. A common read signal from the microprocessor drives the RD input of all AD7862s. Each AD7862 is designated a unique address selected by the address decoder. The reference output of AD7862 number 1 is used to drive the reference input of all other AD7862s in the circuit shown in Figure 20. One VREF pin can drive several AD7862 REF IN pins. Alternatively, an external or system reference can be used to drive all VREF inputs. A common reference ensures good full-scale tracking between all channels. AD7862(1) AD7862(2) AD7862(n) CS RD CS RD CS RD RD ADDRESS VREF REF IN REF IN ADDRESS DECODE V A1 V B1 V A2 V B2 V A1 V B1 V A2 V B2 V A1 V B1 V A2 V B2 Figure 20. Multiple AD7862s in Multichannel System |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |