Electronic Components Datasheet Search
  English  ▼

X  

APL1187 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL1187
Description  600mA Low Dropout Fast Response Positive Fixed 1.2V Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1187 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL1187 Datasheet HTML 1Page - Anpec Electronics Coropration APL1187 Datasheet HTML 2Page - Anpec Electronics Coropration APL1187 Datasheet HTML 3Page - Anpec Electronics Coropration APL1187 Datasheet HTML 4Page - Anpec Electronics Coropration APL1187 Datasheet HTML 5Page - Anpec Electronics Coropration APL1187 Datasheet HTML 6Page - Anpec Electronics Coropration APL1187 Datasheet HTML 7Page - Anpec Electronics Coropration APL1187 Datasheet HTML 8Page - Anpec Electronics Coropration APL1187 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Nov., 2006
APL1187
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
600mA Low Dropout Fast Response Positive Fixed 1.2V Regulator
•
Guaranteed Output Voltage Accuracy within 2%
•
Fast Transient Response
•
Guaranteed Dropout Voltage at Multiple Currents
•
Load Regulation : 0.4% Typ.
•
Line Regulation : 1mV Typ.
•
Low Dropout Voltage : 1.4V Typ. at I
OUT = 600mA
•
Current Limit : 0.8A Min. at T
J=25°C
•
On-Chip Thermal Limiting : 150
°C Typ.
•
Fixed Output : 1.2V
•
Standard 3-pin, SOT-89 and SOT-223 Package
•
Lead Free Available (RoHS Compliant)
The APL1187 is a low dropout three-terminal adjustable
regulators with 0.6A output current capability. In order to
obtain lower dropout voltage and faster transient
response, which is critical for low voltage applications,
the APL1187 has been optimized.
The device is available in 1.2V with an input supply below
9V. Dropout voltage is guaranteed at a maximum of 1.55V
at 0.6A.
Current limit is trimmed to ensure specified output current
and controlled short-circuit current. On-chip thermal
limiting provides protection against any combination of
o ve r l o a d t h a t wo u l d c r e a t e e xc e s s i v e j u n c t i o n
temperatures.
The APL1187 is available in the industry standard 3-pin,
SOT-89 and SOT-223 package.
Features
General Description
Applications
•
Voltage Regulator for CD-ROM Drivers
•
Voltage Regulator for LAN Cards
•
Voltage Regulator for mother Boards
•
Wireless Communication Systems
•
Portable Instrument
•
Portable Consumer Equipment
•
Low Voltage Systems
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which are fully
compliant with RoHS and compatible with both SnPb and lead-free soldiering operations. ANPEC lead-free products meet or exceed the lead-
free requirements of IPC/JEDEC J STD-020C for MSL classification at lead-free peak reflow temperature.
APL1187-
Package Code
D: SOT-89
V : SOT-223
Operating Ambient Temperature Range
E : -20 to 70 C
Handling Code
TU : Tube
TR : Tape & Reel
Voltage Code
12 : 1.2V
Blank : Adjustable Version
Lead Free Code
L : Lead Free Device
Blank : Original Device
°
Handling Code
Temperature Range
Package Code
APL1187-12 V:
XXXXX - Date Code
Lead Free Code
APL1187-12 D:
APL1187
XXXXX12
XXXXX - Date Code
APL1187
XXXXX12
V
IN
10
µF
APL1187
GND
V
OUT
10
µF
+
+
V
IN
V
OUT
Typical Application Circuit


Similar Part No. - APL1187

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APL1108P ETC-APL1108P Datasheet
104Kb / 4P
Shielded Construction - DIP / APL Series
APL1108P-1R0M ETC-APL1108P-1R0M Datasheet
104Kb / 4P
Shielded Construction - DIP / APL Series
APL1108P-1R0M-C ETC-APL1108P-1R0M-C Datasheet
104Kb / 4P
Shielded Construction - DIP / APL Series
APL1108P-1R5M ETC-APL1108P-1R5M Datasheet
104Kb / 4P
Shielded Construction - DIP / APL Series
APL1108P-1R5M-C ETC-APL1108P-1R5M-C Datasheet
104Kb / 4P
Shielded Construction - DIP / APL Series
More results

Similar Description - APL1187

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
logo
STMicroelectronics
LD1585C STMICROELECTRONICS-LD1585C Datasheet
501Kb / 17P
5A LOW DROPOUT FAST RESPONSE POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
Sep-2003
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1117D ANPEC-APL1117D Datasheet
114Kb / 11P
1A Low Dropout Fast Response Positive Regulator Fixed 3.3V and 5.0V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
STMicroelectronics
LD1585C STMICROELECTRONICS-LD1585C_05 Datasheet
439Kb / 25P
5A Low dropout fast response positive voltage regulator adjustable and fixed
08-Jun-2007
logo
Anpec Electronics Corop...
APL1085 ANPEC-APL1085 Datasheet
546Kb / 11P
3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com