Electronic Components Datasheet Search
  English  ▼

X  

APL1187 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL1187
Description  600mA Low Dropout Fast Response Positive Fixed 1.2V Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1187 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL1187 Datasheet HTML 1Page - Anpec Electronics Coropration APL1187 Datasheet HTML 2Page - Anpec Electronics Coropration APL1187 Datasheet HTML 3Page - Anpec Electronics Coropration APL1187 Datasheet HTML 4Page - Anpec Electronics Coropration APL1187 Datasheet HTML 5Page - Anpec Electronics Coropration APL1187 Datasheet HTML 6Page - Anpec Electronics Coropration APL1187 Datasheet HTML 7Page - Anpec Electronics Coropration APL1187 Datasheet HTML 8Page - Anpec Electronics Coropration APL1187 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Nov., 2006
APL1187
www.anpec.com.tw
2
Pin Configurations
Absolute Maximum Ratings (Note 1,2)
Symbol
Parameter
Rating
Unit
VI
Input Voltage
9
V
PD
Power Dissipation, TA=25
°C
1.3
W
TJ
Operating Junction Temperature Range
0 to 150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TL
Lead Temperature (Soldering, 10 second)
260
°C
θ
JA
Thermal Resistance from Junction to Ambient
SOT-89
SOT-223
130
75
°C/W
θ
JC
Thermal Resistance from Junction to Case
SOT-89
SOT-223
40
15
°C/W
SOT-89 Top View
GND
(Tab)
GND 2
VIN 3
VOUT 1
GND 2
GND
(Tab)
VIN 3
VOUT 1
SOT-223 Top View
APL1187
APL1187
Note 1: Stresses beyond the absolute maximum rating may damage the device and operating in the absolute maximum rating conditions may affect
device reliability.
Note 2: The maximum allowable power dissipation at any T
A (ambient temperature) is calculated using: PD (max) = (TJ – TA) / θJA; TJ = 125°C. Exceeding
the maximum allowable power dissipation will result in excessive die temperature.
Electrical Characteristics
APL1187
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage
APL1187-12
TJ =0~125
°C, 0≤ I
OUT
≤ 0.6A,
2.8V
≤V
IN
≤9V,
1.176
1.200
1.224
V
VIN
Input Voltage
2.8
9
V
REGLINE
Line Regulation
APL1087-12
TJ =0~125
°C, I
OUT=0mA,
2.8V
≤V
IN
≤9V (note3)
1
6
mV
REGLOAD
Load Regulation
APL1187-12
TJ =0~125
°C, V
IN=2.8V,
0
≤ I
OUT
≤0.6A (note 3)
0.4
0.6
%
VD
Dropout Voltage
IOUT=0.6A, TJ =0~125
°C
1.4
1.55
V
ILIMIT
Current Limit
(VIN -VOUT)=5V, TJ=25
°C
800
mA
PSRR
Ripple Rejection
FRIPPLE=120Hz, VRIPPLE=1VP-P,
(VIN -VOUT)=3V, TJ=0~125
°C
60
75
dB
OT
Over Temperature Point
150
°C
OTP Hysteresis
20
°C
IQ
Quiescent Current
APL1187-12
TJ=0~125
°C, V
IN
≤9V
5.5
10
mA
Note 3: See thermal regulation specifications for changes in output voltage due to heating effects. Load line regulations are measured at a constant junction
temperature by low duty cycle pulse testing.
Note 4: Dropout voltage is specified over the full output current range of the device. Dropout voltage is defined as the minimum input/output differential
measured at the specified output current. Test points and limits are also shown on the Dropout Voltage curve.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com