Electronic Components Datasheet Search
  English  ▼

X  

APL1187 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL1187
Description  600mA Low Dropout Fast Response Positive Fixed 1.2V Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1187 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

  APL1187 Datasheet HTML 1Page - Anpec Electronics Coropration APL1187 Datasheet HTML 2Page - Anpec Electronics Coropration APL1187 Datasheet HTML 3Page - Anpec Electronics Coropration APL1187 Datasheet HTML 4Page - Anpec Electronics Coropration APL1187 Datasheet HTML 5Page - Anpec Electronics Coropration APL1187 Datasheet HTML 6Page - Anpec Electronics Coropration APL1187 Datasheet HTML 7Page - Anpec Electronics Coropration APL1187 Datasheet HTML 8Page - Anpec Electronics Coropration APL1187 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Nov., 2006
APL1187
www.anpec.com.tw
6
Packaging Information
SOT223
VIEW A
L
GAUGE PLANE
SEATING PLANE
D
e1
e
b2
SEE
VIEW A
c
b
S
Y
M
B
O
L
MIN.
MAX.
1.80
0.02
0.66
0.84
2.90
3.10
0.23
0.33
0.10
6.70
A
A1
b
b2
c
D
E
E1
e
MILLIMETERS
A2
1.50
1.70
2.30 BSC
SOT223
3.30
3.70
6.30
6.70
7.30
0.091 BSC
MIN.
MAX.
INCHES
0.071
0.001
0.059
0.067
0.026
0.033
0.114
0.122
0.009
0.013
0.264
0.130
0.146
0.248
0.264
0.287
0.004
0
L
0.75
0.030
e1
4.60 BSC
0.181 BSC
°
10
°
0
°
10
°
0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com