Electronic Components Datasheet Search
  English  ▼

X  

APL3512 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL3512
Description  Power-Distribution Switches with Soft Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3512 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL3512 Datasheet HTML 1Page - Anpec Electronics Coropration APL3512 Datasheet HTML 2Page - Anpec Electronics Coropration APL3512 Datasheet HTML 3Page - Anpec Electronics Coropration APL3512 Datasheet HTML 4Page - Anpec Electronics Coropration APL3512 Datasheet HTML 5Page - Anpec Electronics Coropration APL3512 Datasheet HTML 6Page - Anpec Electronics Coropration APL3512 Datasheet HTML 7Page - Anpec Electronics Coropration APL3512 Datasheet HTML 8Page - Anpec Electronics Coropration APL3512 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2012
APL3512
www.anpec.com.tw
2
Pin Configuration
GND 2
5 VIN
ENB 3
4 SS
VOUT 1
SOT-23-5
APL3512B
GND 2
5 VIN
EN 3
4 SS
VOUT 1
SOT-23-5
APL3512A
SS 2
7 NC
GND 3
NC 4
6 ENB
5 NC
8 VOUT
VIN 1
SOP-8
APL3512B
SS 2
7 NC
GND 3
NC 4
6 EN
5 NC
8 VOUT
VIN 1
SOP-8
APL3512A
GND 3
6 VOUT
VIN 1
SS 2
5 NC
4 EN
TDFN2x2-6
APL3512A
GND 3
6 VOUT
VIN 1
SS 2
5 NC
4 ENB
TDFN2x2-6
APL3512B
Exposed Pad, connect to large
ground plane for heat dissipation
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant)and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APL3512
Package Code
B : SOT-23-5
K : SOP-8
QB : TDFN2x2-6
Operating Ambient Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
EN Function
A : Active High
B : Active Low
Assembly Material
G : Halogen and Lead Free Device
Handling Code
Temperature Range
Package Code
Assembly Material
APL3512A B:
L2AX
X - Date Code
APL3512B B:
L2BX
X - Date Code
EN Function
APL3512A K:
APL3512A
XXXXX
XXXXX - Date Code
APL3512B K:
XXXXX - Date Code
APL3512B
XXXXX
APL3512A QB:
X - Date Code
L12A
X
APL3512B QB:
X - Date Code
L12B
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com