Electronic Components Datasheet Search
  English  ▼

X  

APL3512 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL3512
Description  Power-Distribution Switches with Soft Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3512 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL3512 Datasheet HTML 1Page - Anpec Electronics Coropration APL3512 Datasheet HTML 2Page - Anpec Electronics Coropration APL3512 Datasheet HTML 3Page - Anpec Electronics Coropration APL3512 Datasheet HTML 4Page - Anpec Electronics Coropration APL3512 Datasheet HTML 5Page - Anpec Electronics Coropration APL3512 Datasheet HTML 6Page - Anpec Electronics Coropration APL3512 Datasheet HTML 7Page - Anpec Electronics Coropration APL3512 Datasheet HTML 8Page - Anpec Electronics Coropration APL3512 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2012
APL3512
www.anpec.com.tw
4
Electrical Characteristics
Unless otherwise specified, these specifications apply over V
IN=5V, VEN=5V or VENB=0V and TA=-40~85
oC. Typical values are at
T
A=25
oC.
APL3512A/B
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
No load, VEN=0V or VENB=5V
-
-
1
µA
VIN Supply Current
No load, VEN=5V or VENB=0V
-
60
100
µA
Leakage Current
VOUT=GND, VEN=0V or VENB=5V
-
-
1
µA
Reverse Leakage Current
VIN=GND, VOUT=5V, VEN=0V or VENB=5V
-
-
1
µA
POWER SWITCH
IOUT=1.5A, TA=25
oC
-
90
110
m
Ω
RDS(ON)
Power Switch On Resistance
IOUT=1.5A, TA=-40~85
oC
-
90
140
m
Ω
UNDER-VOLTAGE LOCKOUT
VIN UVLO Threshold Voltage
VIN rising, TA=-40~85
oC
2.3
-
2.65
V
VIN UVLO Hysteresis
-
0.2
-
V
CURRENT-LIMIT AND SHORT-CIRCUIT PROTECTIONS
ILIM
Current-Limit Threshold
VIN=2.7V to 5.5V, TA=-40~85
oC
2.5
3.1
4.22
A
ISHORT
Short-Circuit Output Current
VIN=2.7V to 5.5V
-
0.8
-
A
SOFT-START CONTROL PIN
SS Current
VIN=5V, TA=-40~85
oC
1
2
3
µA
VIN=5V, No load, COUT=1
µF, C
SS=10nF,
TA=-40~85
oC
-
10
-
ms
VIN=3.3V, No load, COUT=1
µF, C
SS=10nF,
TA=-40~85
oC
-
6.6
-
ms
tSS
Soft-Start Time
VIN=3.3V, No load, COUT=1
µF, No C
SS or SS
tied to VIN, TA=-40~85
oC
1
2
3
ms
EN OR ENB INPUT PIN
VIH
Input Logic HIGH
VIN=2.7V to 5V
2
-
-
V
VIL
Input Logic LOW
VIN=2.7V to 5V
-
-
0.8
V
Input Current
-
-
1
µA
VOUT Discharge Resistance
VEN=0V or VENB=5V
-
150
-
Ω
OVER-TEMPERATURE PROTECTION (OTP)
TOTP
Over-Temperature Threshold
TJ rising
-
140
-
°C
Over-Temperature Hysteresis
-
20
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com