Electronic Components Datasheet Search
  English  ▼

X  

APL3534 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL3534
Description  Compact, Small Package 1A Power-Distribution Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3534 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL3534 Datasheet HTML 1Page - Anpec Electronics Coropration APL3534 Datasheet HTML 2Page - Anpec Electronics Coropration APL3534 Datasheet HTML 3Page - Anpec Electronics Coropration APL3534 Datasheet HTML 4Page - Anpec Electronics Coropration APL3534 Datasheet HTML 5Page - Anpec Electronics Coropration APL3534 Datasheet HTML 6Page - Anpec Electronics Coropration APL3534 Datasheet HTML 7Page - Anpec Electronics Coropration APL3534 Datasheet HTML 8Page - Anpec Electronics Coropration APL3534 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Oct., 2013
APL3534/A/B
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Compact, Small Package 1A Power-Distribution Switches
Features
• High Side N-MOSFET with Internal Charge Pump
• 1A Continuous Current
• Built-in Soft-Start
• Wide Supply Voltage Range
• Current-Limit and Short-Circuit Protections
• Input Voltage Under Voltage Lockout Protection
• Reverse Current Blocking when Switch Disabled
• Output OVP Protection
• Reverse Current-Limit Protection
• Output Discharge
• Over-Temperature Protection
• Lead Free and Green Devices Available (RoHS
Compliant)
Applications
General Description
• HDMI Port Protection Switches
• Bluetooth Protection Switches
• High-side Power Protection Switches
Simplified Application Circuit
Pin Configuration
EN 2
5 NC
VOUT 3
4 VIN
GND 1
APL3534A
SOT-23-5
ENB 2
5 NC
VOUT 3
4 VIN
GND 1
APL3534B
SOT-23-5
3 VIN
VOUT 2
GND 1
APL3534
SOT-23-3
The APL3534/A/B is a power-distribution switch with cur-
rent- limiting function and output OVP protections that can
deliver current up to 1A. The device incorporates a 110m
Ω
N-channel MOSFET power switch.
The device integrates some protection features, includ-
ing current-limit protection, output over-voltage protection,
over-temperature protection and UVLO. The current-limit
protection can protect down-stream devices from cata-
strophic failure by limiting the output current at current-
limit threshold during over-load or short-circuit events.
The output over-voltage protection can prevent current
flowing from VOUT to VIN when an abnormally high volt-
age exists in VOUT. The over-temperature protection func-
tion shuts down the N-channel MOSFET power switch
when the junction temperature rises beyond 140
o
C and
will automatically turns on the power switch when the
temperature drops by 20
o
C. The UVLO function keeps
the power switch in off state until there is a valid input
voltage present.
The device is available in lead free SOT-23-3 and
SOT-23-5 packages.
VIN
VOUT
GND
APL3534
VIN
VOUT
GND
APL3534A/B
EN/ENB


Similar Part No. - APL3534

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3533 ANPEC-APL3533 Datasheet
600Kb / 21P
Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3533QBI-TRG ANPEC-APL3533QBI-TRG Datasheet
600Kb / 21P
Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3538 ANPEC-APL3538 Datasheet
184Kb / 16P
Ultra-LowOn-Resistance, 6A Dual Load Switch with Soft Start
More results

Similar Description - APL3534

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
POWER-DISTRIBUTION SWITCHES
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
POWER-DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
POWER DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
POWER-DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
POWER-DISTRIBUTION SWITCHES
logo
Anpec Electronics Corop...
APL3517 ANPEC-APL3517 Datasheet
558Kb / 18P
Compact, Small Package 100mA Power-Distribution Switches
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com