Electronic Components Datasheet Search
  English  ▼

X  

APL3534 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL3534
Description  Compact, Small Package 1A Power-Distribution Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3534 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL3534 Datasheet HTML 1Page - Anpec Electronics Coropration APL3534 Datasheet HTML 2Page - Anpec Electronics Coropration APL3534 Datasheet HTML 3Page - Anpec Electronics Coropration APL3534 Datasheet HTML 4Page - Anpec Electronics Coropration APL3534 Datasheet HTML 5Page - Anpec Electronics Coropration APL3534 Datasheet HTML 6Page - Anpec Electronics Coropration APL3534 Datasheet HTML 7Page - Anpec Electronics Coropration APL3534 Datasheet HTML 8Page - Anpec Electronics Coropration APL3534 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Oct., 2013
APL3534/A/B
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
V
IN=5V, VEN=5V or VENB=0V and TA=25
o
C (unless otherwise noted).
APL3534/A/B
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
OUTPUT DISCHARGE AND ENABLE
VOUT Discharge Resistance
VIN=5V, VEN=Low(or VENB=High),
VOUT=1V
-
40
-
Ω
Input Logic High
2
-
-
V
VEN, VENB
Input Logic Low
-
-
0.8
V
EN, ENB Input Current
VEN=5V or VENB=5V
-
-
1
µA
EN, ENB Leakage
VEN=0V or VENB=0V
-
-
1
µA
OUTPUT TEMPERATURE PROTECTION (OTP)
TOTP
Over-Temperature Threshold
TJ rising
-
140
-
°C
Over-Temperature Hysteresis
-
20
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com