Electronic Components Datasheet Search
  English  ▼

X  

APL3534 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL3534
Description  Compact, Small Package 1A Power-Distribution Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3534 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL3534 Datasheet HTML 1Page - Anpec Electronics Coropration APL3534 Datasheet HTML 2Page - Anpec Electronics Coropration APL3534 Datasheet HTML 3Page - Anpec Electronics Coropration APL3534 Datasheet HTML 4Page - Anpec Electronics Coropration APL3534 Datasheet HTML 5Page - Anpec Electronics Coropration APL3534 Datasheet HTML 6Page - Anpec Electronics Coropration APL3534 Datasheet HTML 7Page - Anpec Electronics Coropration APL3534 Datasheet HTML 8Page - Anpec Electronics Coropration APL3534 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Oct., 2013
APL3534/A/B
www.anpec.com.tw
5
Pin Description
PIN
NO.
SOT-23-3
SOT-23-5
NAME
FUNCTION
1
1
GND
Ground.
2
3
VOUT
Output Voltage Pin. The output voltage follows the input voltage. When EN is low or
VIN is UVLO, the output voltage is discharged by an internal resistor.
3
4
VIN
Power Supply Input Connect this pin to external DC supply.
-
2
EN/ENB
Pulling the ENB above 2V or EN below 0.8V will disable the device, and pulling ENB
pin below 0.8V or EN above 2V will enable the device.
The EN and ENB pins cannot be left floating.
-
5
NC
Not Connected Internally.
Block Diagram
Gate Driver and
Control Logic
UVLO
VIN
VOUT
Charge
Pump
EN / ENB
(SOT-23-5)
OTP
GND
Current- Limit
&
Short Current Limit
OVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com