Electronic Components Datasheet Search
  English  ▼

X  

APL3540 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL3540
Description  High-Side Power Distribution Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3540 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL3540 Datasheet HTML 3Page - Anpec Electronics Coropration APL3540 Datasheet HTML 4Page - Anpec Electronics Coropration APL3540 Datasheet HTML 5Page - Anpec Electronics Coropration APL3540 Datasheet HTML 6Page - Anpec Electronics Coropration APL3540 Datasheet HTML 7Page - Anpec Electronics Coropration APL3540 Datasheet HTML 8Page - Anpec Electronics Coropration APL3540 Datasheet HTML 9Page - Anpec Electronics Coropration APL3540 Datasheet HTML 10Page - Anpec Electronics Coropration APL3540 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.9 - Oct., 2013
APL3540
www.anpec.com.tw
7
Operating Waveforms (Cont.)
The test condition is V
IN=19V, TA=25
oC unless otherwise specified.
Soft-Start
Over-Current Protection
3
1
2
4
V
IN
V
DRV
V
OUT
I
OUT
V
BAT
V
CHRIN
I
OUT
3
1
2
4
V
IN
V
DRV
V
OUT
I
OUT
Short-Circuit Protection
Wrong VIN Input Voltage Protection,
V
VINSEL > VVINSEL(H)
CH1: V
IN, 5V/Div, DC
TIME: 50ms/Div
V
IN =25V, R1=24kΩ, R2 =2kΩ
CH2: V
DRV, 5V/Div, DC
CH3: V
OUT, 5V/Div, DC
3
1
2
4
I
OUT
V
OUT
V
DRV
V
IN
1
2,3
V
DRV
and V
OUT
V
IN
CH1: V
IN, 10V/Div, DC
TIME: 0.5ms/Div
CH2: V
DRV, 10V/Div, DC
CH3: V
OUT, 10V/Div, DC
CH4: I
OUT, 10A/Div, DC
V
IN =19V, RLOAD =1Ω, ROCSET =1.5kΩ,
C
IN =0.1µF/X7R, COUT =470µF/Electrolytic,
CH1: V
IN, 10V/Div, DC
TIME: 2ms/Div
CH2: V
DRV, 5V/Div, DC
CH3: V
OUT, 5V/Div, DC
CH4: I
OUT, 10A/Div, DC
V
IN =19V, RLOAD =Short to GND before power-up ,
C
IN =0.1µF/X7R, COUT =470µF/Electrolytic
CH1: V
IN, 5V/Div, DC
TIME: 10ms/Div
CH2: V
DRV, 5V/Div, DC
CH3: V
OUT, 5V/Div, DC
CH4: I
OUT, 1A/Div, DC
V
IN =19V, RLOAD =100Ω, C1=100nF,
C
IN =0.1µF/X7R, COUT =1500µF/Electrolytic,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com