Electronic Components Datasheet Search
  English  ▼

X  

APL3540 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL3540
Description  High-Side Power Distribution Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3540 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL3540 Datasheet HTML 1Page - Anpec Electronics Coropration APL3540 Datasheet HTML 2Page - Anpec Electronics Coropration APL3540 Datasheet HTML 3Page - Anpec Electronics Coropration APL3540 Datasheet HTML 4Page - Anpec Electronics Coropration APL3540 Datasheet HTML 5Page - Anpec Electronics Coropration APL3540 Datasheet HTML 6Page - Anpec Electronics Coropration APL3540 Datasheet HTML 7Page - Anpec Electronics Coropration APL3540 Datasheet HTML 8Page - Anpec Electronics Coropration APL3540 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.9 - Oct., 2013
APL3540
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
High-Side Power Distribution Controller
•
High-Side Driver for an External N-Channel
MOSFET
•
Under-Voltage Lockout (UVLO)
•
Wrong VIN Input Voltage Protection
•
Output Under-Voltage Protection (UVP)
•
Short-Circuit Protection During Power-Up (SCP)
•
Over-Current Protection (OCP)
•
Shutdown Function
•
Power-Ok (POK) Function
•
Lead Free and Green Devices Available
(RoHS Compliant)
APL3540 is a high-side power distribution controller for
an external N-channel MOSFET, allow for +12V and +19V
power-supply rails. The wrong input voltage protection
function protects a wrong input adapter insertion. When
input voltage is out of the target input voltage range, the IC
is off.
Features
General Description
Applications
•
Desktop PCs
The built-in under-voltage protection monitors the output
voltage for short-circuit conditions. When output voltage
is less than 70% of VIN voltage, the IC will be shut down.
The over-current protection monitors the output current
by using the voltage drop across the external MOSFET’s
R
DS(ON). W hen output current reaches the trip point, the IC
will be shut down. The APL3540 also provides a short-
circuit protection during power-up. The device monitors
DRV and VOUT voltages for a short-circuit detection. If a
short-circuit condition is detected, the IC will be shut
down. Other features, including a POK output which indi-
cates that the output voltage is ready and a logic-con-
trolled shutdown mode.
Pin Configuration
VIN
DRV
VOUT
GND
1
2
3
4
POK
OCSET
VINSEL
EN
8
7
6
5
SOP-8
(Top View)
TDFN2x2-8
(Top View)
1
6
5
4
3
2
8
7
POK
GND
VINSEL
EN
OCSET
VOUT
DRV
VIN
=Exposed Pad
(Please connect to the ground)


Similar Part No. - APL3540

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3542 ANPEC-APL3542 Datasheet
251Kb / 20P
High-Side Power Distribution Controller
APL3542A ANPEC-APL3542A Datasheet
268Kb / 20P
High-Side Power Distribution Controller
APL3542AQBI-TRG ANPEC-APL3542AQBI-TRG Datasheet
268Kb / 20P
High-Side Power Distribution Controller
APL3542QBI-TRG ANPEC-APL3542QBI-TRG Datasheet
251Kb / 20P
High-Side Power Distribution Controller
APL3546 ANPEC-APL3546 Datasheet
493Kb / 17P
Power -Distribution Switches with Soft Start
More results

Similar Description - APL3540

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1012 INTERSIL-HIP1012 Datasheet
173Kb / 15P
Dual Power Distribution Controller
November 1999
HIP1012A INTERSIL-HIP1012A_04 Datasheet
543Kb / 15P
Dual Power Distribution Controller
March 2004
logo
Global Mixed-mode Techn...
G5244 GMT-G5244 Datasheet
38Kb / 1P
High-Side Power Distribution Switch
G5243A GMT-G5243A Datasheet
71Kb / 1P
High-Side Power Distribution Switch
G5241 GMT-G5241 Datasheet
146Kb / 1P
High-Side Power Distribution Switch
G5240 GMT-G5240 Datasheet
158Kb / 1P
High-Side Power Distribution Switch
logo
Anpec Electronics Corop...
APL3542 ANPEC-APL3542 Datasheet
251Kb / 20P
High-Side Power Distribution Controller
APL3542A ANPEC-APL3542A Datasheet
268Kb / 20P
High-Side Power Distribution Controller
logo
Nuvoton Technology Corp...
NCT3521U NUVOTON-NCT3521U Datasheet
508Kb / 13P
High-side Power Distribution Switch
NCT3521U-A NUVOTON-NCT3521U-A Datasheet
558Kb / 14P
High-side Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com