Electronic Components Datasheet Search
  English  ▼

X  

APL3540 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL3540
Description  High-Side Power Distribution Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3540 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL3540 Datasheet HTML 1Page - Anpec Electronics Coropration APL3540 Datasheet HTML 2Page - Anpec Electronics Coropration APL3540 Datasheet HTML 3Page - Anpec Electronics Coropration APL3540 Datasheet HTML 4Page - Anpec Electronics Coropration APL3540 Datasheet HTML 5Page - Anpec Electronics Coropration APL3540 Datasheet HTML 6Page - Anpec Electronics Coropration APL3540 Datasheet HTML 7Page - Anpec Electronics Coropration APL3540 Datasheet HTML 8Page - Anpec Electronics Coropration APL3540 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.9 - Oct., 2013
APL3540
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
Unless otherwise specified, these specifications apply over V
IN=19V, VEN =5V and TA= -40 to 85
oC. Typical values are at T
A=25
oC.
APL3540
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PROTECTIONS (CONT.)
VDRV(SC)
Short Circuit Protection Threshold
Accuracy
VDRV -VOUT SCP threshold tunable range:
2.5~3.5V, 0.1V/step
-100
-
+100
mV
VOUT Input Current
VOUT=19V
-
60
80
µA
VOUT Discharge Resistance
Any fault condition and shutdown, VOUT=1V
1.5
1.75
2.0
k
Ω
EN INPUT
EN Logic High Threshold Voltage
VIN=10V to 21V
0.8
-
1.5
V
EN Hyteresis
-
0.2
-
V
EN Pull-up Current
-
5
-
µA
POK OUTPUT
VPOK(TH)
POK Threshold
VOUT rising, VOUT/VIN, VPOK=High
85
90
95
%
POK Hysteresis
VOUT falling, VPOK=Low
-
5
-
%
POK Low Voltage
IPOK=10mA
-
0.2
0.5
V
POK Leakage Current
VPOK=40V
-
-
1
µA
TD(POK)
POK Rising Delay Time
VOUT rising, POK assertion
8
11.5
15
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com