Electronic Components Datasheet Search
  English  ▼

X  

APL5338A Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL5338A
Description  2A Bus Termination Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5338A Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL5338A Datasheet HTML 7Page - Anpec Electronics Coropration APL5338A Datasheet HTML 8Page - Anpec Electronics Coropration APL5338A Datasheet HTML 9Page - Anpec Electronics Coropration APL5338A Datasheet HTML 10Page - Anpec Electronics Coropration APL5338A Datasheet HTML 11Page - Anpec Electronics Coropration APL5338A Datasheet HTML 12Page - Anpec Electronics Coropration APL5338A Datasheet HTML 13Page - Anpec Electronics Coropration APL5338A Datasheet HTML 14Page - Anpec Electronics Coropration APL5338A Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug., 2013
APL5338A
www.anpec.com.tw
11
Function Description
VTT Source/Sink Regulator
The APL5338A is a low dropout source/sink linear regu-
lator with maximum 2A source/sink current. Two internal
N-channel MOSFETs controlled by separate high band-
width error amplifiers regulate the output voltage by sourc-
ing current from VIN or sinking current to PGND. To pre-
vent two pass elements from shoot-through, a voltage
offset is created between two positive inputs of the error
amplifiers.
Power-On-Reset (POR)
The APL5338A monitors the VCNTL pin voltage for power-
on-reset function to prevent erroneous operation. The
built-in POR circuit keeps the outputs shutoff until inter-
nal circuit is operating properly. Typical POR threshold is
2.8V with 0.2V hysteresis.
VTTREF Regulator
VTTREF voltage follows 1/2VREF voltage which is the
reference of the VTT regulator. The VTTREF block con-
sists of a resistor divider and a low pass filter. The regu-
lator can source current up to 20mA (typical). To insure
the stability, a 0.1
µF ceramic capacitor should be con-
nected from VTTREF to GND.
Soft-Start and Current Limit
The APL5338A monitors the output current, both sourc-
ing and sinking current, and limits the maximum output
current to prevent damages during current overload or
short circuit (shorted from VOUT to GND or VIN)
conditions. The APL5338A provides a soft-start function,
using the constant current to charge the output capacitor
that gives a rapid and linear output voltage rise. If the load
current is above the current limit start-up, the VTT cannot
start successfully.
Table1. The truth table of S3 and S5 pins
STATE
S3
S5
VTTREF
VTT
S0
H
H
1
1
S3
L
H
1
0(high-Z)
S4/5
L
L
0(discharge)
0(discharge)
S3, S5 Control
The S3 and S5 signals control the VTT and VTTREF states
and these pins should be connected to SLP_S3 and
SLP_S5 signals respectively. The table1 shows the truth
table of the S3 and S5 pins. When both S3 and S5 are
above the logic threshold voltage, the VTT and VTTREF
are turned on at S0 state. When S3 is low and S5 is high,
the VTT voltage is disabled and left high impedance in
S3 state. When both S3 and S5 are low, the VTT and
VTTREF are turned off and discharged to the ground
through internal MOSFETs during S4/S5 state. (Note that
if the S3 is forced high and S5 is forced low, then VTTREF
is discharged and VTT is at high-Z state. Such condition
is not recommended.)
Thermal Shutdown
A thermal shutdown circuit limits the junction tempera-
ture of the APL5338A. When the junction temperature ex-
ceeds +150oC, the device will turn off the MOSFETs, al-
lowing the device to cool down. The regulator regulates
the output again through initiation of a new soft-start cycle
after the junction temperature cools by 30oC, resulting in
a pulsed output during continuous thermal overload
conditions. The thermal shutdown is designed with a
30oC hysteresis to lower the average junction tempera-
ture during continuous thermal overload conditions, ex-
tending lifetime of the device. For normal operation, de-
vice power dissipation should be externally limited so
that junction temperatures will not exceed +125oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com