Electronic Components Datasheet Search
  English  ▼

X  

APL5338A Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5338A
Description  2A Bus Termination Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5338A Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5338A Datasheet HTML 1Page - Anpec Electronics Coropration APL5338A Datasheet HTML 2Page - Anpec Electronics Coropration APL5338A Datasheet HTML 3Page - Anpec Electronics Coropration APL5338A Datasheet HTML 4Page - Anpec Electronics Coropration APL5338A Datasheet HTML 5Page - Anpec Electronics Coropration APL5338A Datasheet HTML 6Page - Anpec Electronics Coropration APL5338A Datasheet HTML 7Page - Anpec Electronics Coropration APL5338A Datasheet HTML 8Page - Anpec Electronics Coropration APL5338A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug., 2013
APL5338A
www.anpec.com.tw
2
Pin Configuration
MSOP-10P (Top View)
TDFN3X3-10
(Top View)
VTT 3
10 VCNTL
VREF 1
VIN 2
VTTSEN 5
9 S5
7 S3
8 GND
PGND 4
6 VTTREF
= Exposed Pad
(connected to ground plane for better heat dissipation)
GND
VIN 2
9 S5
VTT 3
PGND 4
8 GND
7 S3
10 VCNTL
VREF 1
VTTSEN 5
6 VTTREF
GND
DFN-2x2-8
(Top View)
= Exposed Pad
(connected to VCNTL plane for better heat dissipation)
VTT 3
8 S5
VREF 1
VIN 2
PGND 4
7 GND
5 VTTREF
6 S3
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Package Code
XA : MSOP-10P QB : TDFN3x3-10 QA : DFN2x2-8
Operating Ambient Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APL5338A
Handling Code
Temperature Range
Package Code
APL5338A XA :
XXXXX - Date Code
Assembly Material
L5338
XXX
XX
APL5338A QB :
XXXXX - Date Code
APL
5338
XXXXX
APL5338A QA :
XXXXX - Date Code
338A
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com