Electronic Components Datasheet Search
  English  ▼

X  

APL5338A Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL5338A
Description  2A Bus Termination Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5338A Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL5338A Datasheet HTML 1Page - Anpec Electronics Coropration APL5338A Datasheet HTML 2Page - Anpec Electronics Coropration APL5338A Datasheet HTML 3Page - Anpec Electronics Coropration APL5338A Datasheet HTML 4Page - Anpec Electronics Coropration APL5338A Datasheet HTML 5Page - Anpec Electronics Coropration APL5338A Datasheet HTML 6Page - Anpec Electronics Coropration APL5338A Datasheet HTML 7Page - Anpec Electronics Coropration APL5338A Datasheet HTML 8Page - Anpec Electronics Coropration APL5338A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug., 2013
APL5338A
www.anpec.com.tw
5
Electrical Characteristics (Cont.)
APL5338A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
LOGIC THRESHOLD
VIH
High Threshold Voltage
VS3, VS5 Rising
1.6
-
-
VIL
Low Threshold Voltage
VS3, VS5 Falling
-
-
0.4
S3, S5 Hysteresis
-
0.2
-
V
Leakage Current
S3, S5, TJ =25
oC
-
-
4
µA
THERMAL SHUTDOWN
TSD
Thermal Shutdown Temperature
TJ Rising
-
150
-
Thermal Shutdown Hysteresis
-
30
-
oC
Unless otherwise specified, these specifications apply over V
CNTL=5V, VIN=VREF=1.8V, CIN=10µF, COUT=10µF and TA= -40 ~ 85
oC.
Typical values are at T
A=25
oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com