Electronic Components Datasheet Search
  English  ▼

X  

AD7273 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7273
Description  3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7273 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7273 Datasheet HTML 7Page - Analog Devices AD7273 Datasheet HTML 8Page - Analog Devices AD7273 Datasheet HTML 9Page - Analog Devices AD7273 Datasheet HTML 10Page - Analog Devices AD7273 Datasheet HTML 11Page - Analog Devices AD7273 Datasheet HTML 12Page - Analog Devices AD7273 Datasheet HTML 13Page - Analog Devices AD7273 Datasheet HTML 14Page - Analog Devices AD7273 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD7273/AD7274
Rev. 0 | Page 10 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD 1
SDATA
2
CS
3
AGND
4
VIN
8
DGND
7
SCLK
6
VREF
5
AD7273/
AD7274
TOP VIEW
(Not to Scale)
Figure 8. 8-Lead MSOP Pin Configuration
VDD
VIN
1
SDATA
2
3
4
8
7
6
5
DGND
AGND
CS
SCLK
VREF
AD7273/
AD7274
TOP VIEW
(Not to Scale)
Figure 9. 8-Lead TSOT Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
MSOP
TSOT
Mnemonic
Description
1
1
VDD
Power Supply Input. The VDD range for the AD7273/AD7274 is from 2.35 V to 3.6 V.
2
2
SDATA
Data Out. Logic output. The conversion result from the AD7273/AD7274 is provided on this output as a
serial data stream. The bits are clocked out on the falling edge of the SCLK input. The data stream from
the AD7274 consists of two leading zeros followed by the 12 bits of conversion data and two trailing
zeros, provided MSB first. The data stream from the AD7273 consists of two leading zeros followed
by the 10 bits of conversion data and four trailing zeros, provided MSB first.
3
7
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversion on
the AD7273/AD7274 and framing the serial data transfer.
4
8
AGND
Analog Ground. Ground reference point for all circuitry on the AD7273/AD7274. All analog signals
and any external reference signal should be referred to this AGND voltage.
5
5
VREF
Voltage Reference Input. This pin becomes the reference voltage input. An external reference should
be applied at this pin. The external reference input range is 1.4 V to VDD. A 10 μF capacitor should be
tied between this pin and AGND.
6
6
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part. This clock
input is also used as the clock source for the conversion process of AD7273/AD7274.
7
3
DGND
Digital Ground. Ground reference point for all digital circuitry on the AD7273/AD7274. The DGND and
AGND voltages ideally should be at the same potential and must not be more than 0.3 V apart, even
on a transient basis.
8
4
VIN
Analog Input. Single-ended analog input channel. The input range is 0 to VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com