Electronic Components Datasheet Search
  English  ▼

X  

AD7273 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7273
Description  3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7273 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7273 Datasheet HTML 18Page - Analog Devices AD7273 Datasheet HTML 19Page - Analog Devices AD7273 Datasheet HTML 20Page - Analog Devices AD7273 Datasheet HTML 21Page - Analog Devices AD7273 Datasheet HTML 22Page - Analog Devices AD7273 Datasheet HTML 23Page - Analog Devices AD7273 Datasheet HTML 24Page - Analog Devices AD7273 Datasheet HTML 25Page - Analog Devices AD7273 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD7273/AD7274
Rev. 0 | Page 21 of 28
SERIAL INTERFACE
Figure 36 through Figure 38 show the detailed timing diagrams
for serial interfacing to the AD7274 and AD7273, respectively.
The serial clock provides the conversion clock and controls the
transfer of information from the AD7273/AD7274 during
conversion.
The CS signal initiates the data transfer and conversion process.
The falling edge of CS puts the track-and-hold into hold mode
and takes the bus out of three-state. The analog input is sampled
and the conversion is initiated at this point.
For the AD7274, the conversion requires completing 14 SCLK
cycles. Once 13 SCLK falling edges have elapsed, the track-and-
hold goes back into track mode on the next SCLK rising edge,
as shown in Figure 36 at Point B. If the rising edge of CS occurs
before 14 SCLKs have elapsed, the conversion is terminated and
the SDATA line goes back into three-state. If 16 SCLKs are
considered in the cycle, the last two bits are zeros and SDATA
returns to three-state on the 16th SCLK falling edge, as shown in
Figure 37.
For the AD7273, the conversion requires completing 12 SCLK
cycles. Once 11 SCLK falling edges elapse, the track-and-hold
goes back into track mode on the next SCLK rising edge, as
shown in Figure 38 at Point B. If the rising edge of CS occurs
before 12 SCLKs elapse, the conversion is terminated and the
SDATA line goes back into three-state. If 16 SCLKs are
considered in the cycle, the AD7273 clocks out four trailing
zeros for the last four bits and SDATA returns to three-state on
the 16th SCLK falling edge, as shown in Figure 38.
If the user considers a 14-SCLK cycle serial interface for the
AD7273/AD7274, CS must be brought high after the 14
th SCLK
falling edge. Then the last two trailing zeros are ignored, and
SDATA goes back into three-state. In this case, the 3 MSPS
throughput can be achieved by using a 48 MHz clock frequency.
CS going low clocks out the first leading zero to be read by the
microcontroller or DSP. The remaining data is then clocked out
by subsequent SCLK falling edges, beginning with the second
leading zero. Therefore, the first falling clock edge on the serial
clock provides the first leading zero and clocks out the second
leading zero. The final bit in the data transfer is valid on the 16th
falling edge, because it is clocked out on the previous (15th)
falling edge.
In applications with a slower SCLK, it is possible to read data on
each SCLK rising edge. In such cases, the first falling edge of
SCLK clocks out the second leading zero and can be read on the
first rising edge. However, the first leading zero clocked out
when CS goes low is missed if read within the first falling edge.
The 15th falling edge of SCLK clocks out the last bit and can be
read on the 15th rising SCLK edge.
If CS goes low just after one SCLK falling edge elapses, CS
clocks out the first leading zero and can be read on the SCLK
rising edge. The next SCLK falling edge clocks out the second
leading zero and can be read on the following rising edge.
tCONVERT
TWO LEADING
ZEROS
t2
CS
SCLK
SDATA
THREE-
STATE
THREE-STATE
B
1/THROUGHPUT
1
2
3
4
5
13
14
ZERO
DB11
DB10
DB9
DB1
DB0
Z
t6
t1
tQUIET
t9
t5
t7
t4
t3
Figure 36. AD7274 Serial Interface Timing Diagram 14 SCLK Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com