Electronic Components Datasheet Search
  English  ▼

X  

AD7273 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7273
Description  3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7273 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7273 Datasheet HTML 20Page - Analog Devices AD7273 Datasheet HTML 21Page - Analog Devices AD7273 Datasheet HTML 22Page - Analog Devices AD7273 Datasheet HTML 23Page - Analog Devices AD7273 Datasheet HTML 24Page - Analog Devices AD7273 Datasheet HTML 25Page - Analog Devices AD7273 Datasheet HTML 26Page - Analog Devices AD7273 Datasheet HTML 27Page - Analog Devices AD7273 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD7273/AD7274
Rev. 0 | Page 25 of 28
OUTLINE DIMENSIONS
13
5
6
2
8
4
7
2.90 BSC
PIN 1
INDICATOR
1.60 BSC
1.95
BSC
0.65 BSC
0.38
0.22
0.10 MAX
*0.90
0.87
0.84
SEATING
PLANE
*1.00 MAX
0.20
0.08
0.60
0.45
0.30
8°
4°
0°
2.80 BSC
*COMPLIANT TO JEDEC STANDARDS MO-193-BA WITH
THE EXCEPTION OF PACKAGE HEIGHT AND THICKNESS.
Figure 40. 8-Lead Thin Small Outline Transistor Package [TSOT]
(UJ-8)
Dimensions shown in millimeters
0.80
0.60
0.40
8°
0°
4
8
1
5
4.90
BSC
PIN 1
0.65 BSC
3.00
BSC
SEATING
PLANE
0.15
0.00
0.38
0.22
1.10 MAX
3.00
BSC
COPLANARITY
0.10
0.23
0.08
COMPLIANT TO JEDEC STANDARDS MO-187-AA
Figure 41. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Linearity
Error (LSB)1
Package Description
Package
Option
Branding
AD7274BRM
−40°C to +125°C
±1 max
8-Lead Mini Small Outline Package (MSOP)
RM-8
C1V
AD7274BRMZ2
−40°C to +125°C
±1 max
8-Lead Mini Small Outline Package (MSOP)
RM-8
C34
AD7274BRMZ-REEL2
−40°C to +125°C
±1 max
8-Lead Mini Small Outline Package (MSOP)
RM-8
C34
AD7274BUJ-500RL7
−40°C to +125°C
±1 max
8-Lead Mini Small Outline Package (MSOP)
UJ-8
C1V
AD7274BUJZ-500RL72
−40°C to +125°C
±1 max
8-Lead Thin Small Outline Transistor Package (TSOT)
UJ-8
C34
AD7274BUJZ-REEL72
−40°C to +125°C
±1 max
8-Lead Thin Small Outline Transistor Package (TSOT)
UJ-8
C34
AD7273BRMZ2
−40°C to +125°C
±0.5 max
8-Lead Mini Small Outline Package (MSOP)
RM-8
C33
AD7273BRMZ-REEL2
−40°C to +125°C
±0.5 max
8-Lead Mini Small Outline Package (MSOP)
RM-8
C33
AD7273BUJ-REEL7
−40°C to +125°C
±0.5 max
8-Lead Thin Small Outline Transistor Package (TSOT)
UJ-8
C1U
AD7273BUJZ-500RL72
−40°C to +125°C
±0.5 max
8-Lead Thin Small Outline Transistor Package (TSOT)
UJ-8
C33
EVAL-AD7274CB3
Evaluation Board
EVAL-AD7273CB3
Evaluation Board
EVAL-CONTROL BRD24
Control Board
1 Linearity error refers to integral nonlinearity.
2 Z = Pb-free part.
3 This can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL board for evaluation/demonstration purposes.
4 This board is a complete unit that allows a PC to control and communicate with all Analog Devices evaluation boards that end in a CB designator. To order a complete
evaluation kit, the particular ADC evaluation board (such as EVAL-AD7273CB/AD7274CB), the EVAL-CONTROL BRD2, and a 12 V transformer must be ordered. See the
relevant evaluation board technical note for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com