Electronic Components Datasheet Search
  English  ▼

X  

APL5601 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APL5601
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5601 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APL5601 Datasheet HTML 10Page - Anpec Electronics Coropration APL5601 Datasheet HTML 11Page - Anpec Electronics Coropration APL5601 Datasheet HTML 12Page - Anpec Electronics Coropration APL5601 Datasheet HTML 13Page - Anpec Electronics Coropration APL5601 Datasheet HTML 14Page - Anpec Electronics Coropration APL5601 Datasheet HTML 15Page - Anpec Electronics Coropration APL5601 Datasheet HTML 16Page - Anpec Electronics Coropration APL5601 Datasheet HTML 17Page - Anpec Electronics Coropration APL5601 Datasheet HTML 18Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Jun., 2012
www.anpec.com.tw
14
APL5601/5602
Package Information
SOT-223
VIEW A
L
GAUGE PLANE
SEATING PLANE
D
e1
e
b2
SEE
VIEW A
c
b
S
Y
M
B
O
L
MIN.
MAX.
1.80
0.02
0.66
0.84
2.90
3.10
0.23
0.33
0.10
6.70
A
A1
b
b2
c
D
E
E1
e
MILLIMETERS
A2
1.50
1.70
2.30 BSC
SOT-223
3.30
3.70
6.30
6.70
7.30
0.091 BSC
MIN.
MAX.
INCHES
0.071
0.001
0.059
0.067
0.026
0.033
0.114
0.122
0.009
0.013
0.264
0.130
0.146
0.248
0.264
0.287
0.004
0
L
0.75
0.030
e1
4.60 BSC
0.181 BSC
°
10
°
0
°
10
°
0
Note : 1. Follow from JEDEC TO-261 AA.
2. Dimension D and E1 are determined at the outermost extremes
of the plastic exclusive of mold flash, tie bar burrs, gate burrs,
and interlead flash, but including any mismatch between the top
and bottom of the plastic body.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com