Electronic Components Datasheet Search
  English  ▼

X  

APL5601 Datasheet(PDF) 16 Page - Anpec Electronics Coropration

Part # APL5601
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5601 Datasheet(HTML) 16 Page - Anpec Electronics Coropration

Back Button APL5601 Datasheet HTML 10Page - Anpec Electronics Coropration APL5601 Datasheet HTML 11Page - Anpec Electronics Coropration APL5601 Datasheet HTML 12Page - Anpec Electronics Coropration APL5601 Datasheet HTML 13Page - Anpec Electronics Coropration APL5601 Datasheet HTML 14Page - Anpec Electronics Coropration APL5601 Datasheet HTML 15Page - Anpec Electronics Coropration APL5601 Datasheet HTML 16Page - Anpec Electronics Coropration APL5601 Datasheet HTML 17Page - Anpec Electronics Coropration APL5601 Datasheet HTML 18Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Jun., 2012
www.anpec.com.tw
16
APL5601/5602
Devices Per Unit
Package type
Unit
Quantity
SOT-23-3
Tape & Reel
3000
SOT-89
Tape & Reel
1000
SOT-223
Tape & Reel
2500
Taping Direction Information
SOT-23-3
SOT-89
SOT-223
USER DIRECTION OF FEED
USER DIRECTION OF FEED
USER DIRECTION OF FEED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com