Electronic Components Datasheet Search
  English  ▼

X  

APL5601 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL5601
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5601 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL5601 Datasheet HTML 1Page - Anpec Electronics Coropration APL5601 Datasheet HTML 2Page - Anpec Electronics Coropration APL5601 Datasheet HTML 3Page - Anpec Electronics Coropration APL5601 Datasheet HTML 4Page - Anpec Electronics Coropration APL5601 Datasheet HTML 5Page - Anpec Electronics Coropration APL5601 Datasheet HTML 6Page - Anpec Electronics Coropration APL5601 Datasheet HTML 7Page - Anpec Electronics Coropration APL5601 Datasheet HTML 8Page - Anpec Electronics Coropration APL5601 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Jun., 2012
www.anpec.com.tw
5
APL5601/5602
Typical Operating Characteristics
VIN to VOUT Dropout vs. Junction
Temperature
Junction Temperature, T
J (
o
C)
Power Supply Ripple Rejection
Frequency (Hz)
Quiescent Current vs. Input Voltage
Input Voltage, V
IN
(V)
-80
-70
-60
-50
-40
-30
-20
-10
0
1000
10000
100000
V
IN=3.3V, VOUT=1.8V, CIN=1µF, COUT=2.2µF,
I
OUT=500mA
Current-Limit vs. Junction Temperature
Junction Temperature, T
J (
o
C)
V
IN=5V, VOUT=3.3V, CIN=1µF, COUT=2.2µF, TA=25
OC, unless otherwise specified.
0
50
100
150
200
250
300
350
-50
-25
0
25
50
75
100
125
150
V
OUT=3.3V
I
OUT=600mA
I
OUT=400mA
I
OUT=200mA
VIN to VOUT Dropout vs. Junction
Temperature
0
40
80
120
160
200
0
1
2
3
4
5
6
I
OUT=0mA
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
125
150
I
OUT=600mA
I
OUT=400mA
I
OUT=200mA
V
OUT=5V
Junction Temperature, T
J (
o
C)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
V
IN=3.3V
V
IN=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com