Electronic Components Datasheet Search
  English  ▼

X  

APL5603 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5603
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5603 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5603 Datasheet HTML 1Page - Anpec Electronics Coropration APL5603 Datasheet HTML 2Page - Anpec Electronics Coropration APL5603 Datasheet HTML 3Page - Anpec Electronics Coropration APL5603 Datasheet HTML 4Page - Anpec Electronics Coropration APL5603 Datasheet HTML 5Page - Anpec Electronics Coropration APL5603 Datasheet HTML 6Page - Anpec Electronics Coropration APL5603 Datasheet HTML 7Page - Anpec Electronics Coropration APL5603 Datasheet HTML 8Page - Anpec Electronics Coropration APL5603 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Mar., 2011
APL5603
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Low Dropout 600mA Fixed Voltage Linear Regulator
The APL5603 is a low-power and low dropout linear regu-
lators which operates from 2.9V to 6V input voltage and
delivers up to 600mA output current. Typical dropout volt-
age is only 220mV (typical) at 600mA output. The APL5603
regulators with low 140
µA quiescent current are ideal for
battery-powered system appliances. The APL5603 regu-
lators are stable with a 2.2
µF ceramic capacitor. The fea-
tures of current-limit, short-circuit current-limit, and over-
temperature protections can prevent the device against
currnet overload and over-temperature. The APL5603
regulators are availabe in SOT-23-5, TSOT-23-5, SOP-8,
and DFN3x3-8 packages.
Features
General Description
Applications
•
CD/DVD-ROM, CD-R/W
•
Networking System, LAN Card, ADSL/Cable Modem
•
Set-Top Box
•
PC Peripherals
•
Battery-Powered System
•
Low Dropout Voltage: 220mV (Typical) @600mA
•
Wide 2.9V~6V Input Voltage
•
Low Quiescent Current: 140
µA (Typical)
•
Fixed Output Voltage with
±2% Accuracy
•
Stable with Ceramic, 2.2
µF Output Capacitor
•
Short-Circuit Current-Limit
•
Over-Temperature Protection
•
Current-Limit Protection
•
Internal Soft-Start
•
SOT-23-5, TSOT-23-5, SOP-8, and DFN3x3-8
Packages
•
Lead Free and Green Devices Available
(RoHS Compliant)
Pin Configurations
GND 2
5 VOUT
EN 3
4 NC
VIN 1
SOT-23-5/TSOT-23-5
(Top View)
APL5603
VOUT 3
8 EN
VIN 1
VIN 2
VOUT 4
7 NC
5 NC
6 GND
DFN3x3-8
(Top View)
APL5603
7 GND
VOUT 3
VIN 2
NC 4
6 GND
5 GND
8 GND
EN 1
SOP-8
(Top View)
APL5603


Similar Part No. - APL5603

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110AH-TRG ANPEC-APL560110AH-TRG Datasheet
331Kb / 18P
Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110AI-TRG ANPEC-APL560110AI-TRG Datasheet
331Kb / 18P
Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110DH-TRG ANPEC-APL560110DH-TRG Datasheet
331Kb / 18P
Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110DI-TRG ANPEC-APL560110DI-TRG Datasheet
331Kb / 18P
Low Dropout 600mA Fixed Voltage Linear Regulator
More results

Similar Description - APL5603

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
Low Dropout 600mA Fixed Voltage Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
600mA Low-Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com