Electronic Components Datasheet Search
  English  ▼

X  

APL5603 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5603
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5603 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5603 Datasheet HTML 1Page - Anpec Electronics Coropration APL5603 Datasheet HTML 2Page - Anpec Electronics Coropration APL5603 Datasheet HTML 3Page - Anpec Electronics Coropration APL5603 Datasheet HTML 4Page - Anpec Electronics Coropration APL5603 Datasheet HTML 5Page - Anpec Electronics Coropration APL5603 Datasheet HTML 6Page - Anpec Electronics Coropration APL5603 Datasheet HTML 7Page - Anpec Electronics Coropration APL5603 Datasheet HTML 8Page - Anpec Electronics Coropration APL5603 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Mar., 2011
www.anpec.com.tw
3
APL5603
Note 3: At elevated temperatures, device power dissipation must be derated based on package thermal resistance and heatsink
values. The junction-to-ambient thermal resistance is measured on a PC board mounting with the device soldered down to minimum
copper area. If power dissipation causes the junction temperature to exceed specified limits, the device will go into thermal
shutdown.
Note 4: The maximum allowable power dissipation at any T
A (ambient temperature) is calculated using: PD (max) = (TJ - TA) / θJA; TJ = 125°C.
Exceeding the maximum allowable power dissipation will result in excessive die temperature.
Symbol
Parameter
Range
Unit
VIN
VIN to GND
2.9 to 6
V
IOUT
Output Current
0 to 0.6
A
CIN
Input Capacitor
0.82 to 470
µF
COUT
Output Capacitor
1 to 330
µF
TJ
Junction Temperature
-40 to 125
°C
TA
Ambient Temperature
-40 to 85
°C
Electrical Characteristics
APL5603
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
VEN = 0V
-
-
1
µA
IQ
Quiescent Current
VIN=VEN=5V, IOUT=0mA
-
140
200
µA
UNDER-VOLTAGE-LOCKOUT
VIN UVLO Threshold
VIN rising
2.1
2.5
2.9
V
VIN UVLO Hysteresis
-
0.15
-
V
OUTPUT VOLTAGE
TA = 25
°C
-1
-
+1
VOUT
Output Voltage
TA = -40 to 85
°C (T
J = -40 to 125
°C)
-2
-
+2
%VOUT
Line Regulation
VIN = VOUT + 1V to 6V
-
0.03
0.19
%/V
Load Regulation
IOUT = 1mA to 600mA
-
0.6
1.5
%/A
VOUT=2.8V, IOUT=600mA
-
240
500
VOUT=3.3V, IOUT=600mA
-
220
450
VDROP
Dropout Voltage
VOUT=5V, IOUT=600mA
-
200
420
mV
PSRR
Power Supply Ripple Rejection
VIN = VOUT + 2V, f = 1kHz
-
55
-
dB
Recommended Operating Conditions
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction to Air Thermal Resistance
SOT-23-5
TSOT-23-5
SOP-8
DFN3x3-8
260
260
150
110
°C/W
Thermal Characteristics (Note 3, 4)
Refer to the typical application circuit. V
IN = VOUT+1V or 2.9V (minimum), whichever is great, VEN = VIN, IOUT = 1mA,
T
J = -40 to 125 °C, TA = -40 to 85°C
, unless otherwise specified. Typical values are at T
A = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com