Electronic Components Datasheet Search
  English  ▼

X  

APL5603 Datasheet(PDF) 12 Page - Anpec Electronics Coropration

Part # APL5603
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5603 Datasheet(HTML) 12 Page - Anpec Electronics Coropration

Back Button APL5603 Datasheet HTML 8Page - Anpec Electronics Coropration APL5603 Datasheet HTML 9Page - Anpec Electronics Coropration APL5603 Datasheet HTML 10Page - Anpec Electronics Coropration APL5603 Datasheet HTML 11Page - Anpec Electronics Coropration APL5603 Datasheet HTML 12Page - Anpec Electronics Coropration APL5603 Datasheet HTML 13Page - Anpec Electronics Coropration APL5603 Datasheet HTML 14Page - Anpec Electronics Coropration APL5603 Datasheet HTML 15Page - Anpec Electronics Coropration APL5603 Datasheet HTML 16Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Mar., 2011
www.anpec.com.tw
12
APL5603
Package Information
TSOT-23-5
S
Y
M
B
O
L
MIN.
MAX.
1.00
0.01
0.08
0.22
0.10
A
A1
c
D
E
E1
e
e1
L
MILLIMETERS
b
0.30
0.50
0.95 BSC
TSOT-23-5
0.30
0.60
0.037 BSC
MIN.
MAX.
INCHES
0.039
0.000
0.028
0.035
0.003
0.009
0.012
0.024
0
0.004
A2
0.70
0.90
0.012
0.020
1.90BSC
0.075 BSC
°
0
°
8
°
0
°
8
1.40
1.80
2.60
3.00
2.70
3.10
0.106
0.122
0.055
0.071
0.102
0.118
Note : 1. Followed from JEDEC TO-178 AA.
2. Dimension D and E1 do not include mold flash, protrusions or gate
burrs. Mold flash, protrusion or gate burrs shall not exceed 10 mil per
side.
0.70
0.028
SEE VIEW A
c
D
e
e1
b
VIEW A
L
SEATING PLANE
GAUGE PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com